Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9103G-22-AL4-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9103G-22-AL4-R
Description  LOW NOISE 150mA LDO REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9103G-22-AL4-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9103G-22-AL4-R Datasheet HTML 1Page - Unisonic Technologies LR9103G-22-AL4-R Datasheet HTML 2Page - Unisonic Technologies LR9103G-22-AL4-R Datasheet HTML 3Page - Unisonic Technologies LR9103G-22-AL4-R Datasheet HTML 4Page - Unisonic Technologies LR9103G-22-AL4-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9103
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R102-062.K
LOW NOISE 150mA LDO
REGULATOR
DESCRIPTION
The UTC LR9103 is a typical LDO (linear regulator) with the
features of high output voltage accuracy, low supply current, low
ON-resistance, and high ripple rejection.
During operation of the UTC LR9103, the dropout voltage is
very low and the response of line transient and load transient are
very well.
Internally, there’re many functions of UTC LR9103 which can
be seen in the block figure. There are a voltage reference unit, an
error amplifier, resistor-net for voltage setting, a current limit circuit,
and a chip enable circuit in each UTC LR9103.
The UTC LR9103 can be used as an ideal of the power supply
for hand-held communication equipment, such as: power source for
portable communication equipment, power source for electrical
appliances, for example, cameras, VCRs and camcorders and
power source for battery-powered equipment.
FEATURES
* Ultra Supply Current:
42µA (Typ.)
* Standby Mode:
0.1µA (Typ.)
* Very Low Dropout Voltage:
0.13V (Typ.) @ IOUT =150mA, VOUT =2.85V
* Ripple Rejection:
75dB (Typ.) @ f=1kHz,VOUT=2.85V
* Temperature-Drift Coefficient
of Output Voltage:
±50ppm/°C (Typ.)
* Well Line Regulation:
0.05%/V (Typ.)
*Output Voltage Accuracy:
±1.0%
* Internal Fold Back Protection Circuit: 50mA (Typ.) (Current at short mode)
*CIN=COUT=1.0µF or more (Ceramic capacitors) are recommended to be used with this IC
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR9103L-xx-AE5-R
LR9103G-xx-AE5-R
SOT-23-5
Tape Reel
LR9103L-xx-AF5-R
LR9103G-xx-AF5-R
SOT-25
Tape Reel
LR9103L-xx-AL4-R
LR9103G-xx-AL4-R
SOT-343
Tape Reel
LR9103L-xx-K04-1010-R
LR9103G-xx-K04-1010-R
DFN1010-4
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
(1) R: Tape Reel
(2) AE5: SOT-23-5, AF5: SOT-25, AL4: SOT-343
K04-1010: DFN1010-4
(3) xx: refer to Marking Information
(4) G: Halogen Free and Lead Free, L: Lead Free
LR9103G-xx-AE5-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(4)Green Package


Similar Part No. - LR9103G-22-AL4-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9103G-XX-AE5-R UTC-LR9103G-XX-AE5-R Datasheet
217Kb / 5P
Ultra Supply Current
LR9103G-XX-AF5-R UTC-LR9103G-XX-AF5-R Datasheet
217Kb / 5P
Ultra Supply Current
LR9103G-XX-K04-1010-R UTC-LR9103G-XX-K04-1010-R Datasheet
217Kb / 5P
Ultra Supply Current
More results

Similar Description - LR9103G-22-AL4-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com