Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9203PL-22-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR9203PL-22-AF5-R
Description  CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9203PL-22-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LR9203PL-22-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9203PL-22-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9203PL-22-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9203PL-22-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9203PL-22-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9203PL-22-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9203PL-22-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR9203PL-22-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR9203PL-22-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LR9203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R102-082.b
VOLTAGE CHART
E-0
E-1
E-2
NOMINAL
VOLTAGE
(V)
OUTPUT VOLTAGE (V)
DROPOUT VOLTAGE (mV)
LINE REGULATION (%/V)
VOUT (E)
VD
∆VOUT/(∆VIN·VOUT)
VOUT (T)
CODE
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
1.200
12
1.1800
1.2200
555
700
0.1
0.35
1.250
1C
1.2300
1.2700
↑
↑
↑
↑
1.300
13
1.2800
1.3200
↑
↑
↑
0.3
1.350
1D
1.3300
1.3700
↑
↑
↑
↑
1.400
14
1.3800
1.4200
440
600
↑
↑
1.450
1E
1.4300
1.4700
↑
↑
↑
↑
1.500
15
1.4800
1.5200
↑
↑
↑
↑
1.550
1F
1.5300
1.5700
↑
↑
↑
↑
1.600
16
1.5800
1.6200
360
450
↑
↑
1.650
1G
1.6300
1.6700
↑
↑
↑
↑
1.700
17
1.6800
1.7200
↑
↑
↑
↑
1.750
1H
1.7300
1.7700
↑
↑
↑
↑
1.800
18
1.7800
1.8200
300
390
↑
↑
1.850
1J
1.8300
1.8700
↑
↑
↑
↑
1.900
19
1.8800
1.9200
↑
↑
↑
↑
1.950
1K
1.9300
1.9700
↑
↑
↑
↑
2.000
20
1.9800
2.0200
265
330
↑
↑
2.050
2A
2.0295
2.0705
↑
↑
↑
↑
2.100
21
2.0790
2.1210
↑
↑
↑
↑
2.150
2B
2.1285
2.1715
↑
↑
↑
↑
2.200
22
2.1780
2.2220
240
310
↑
↑
2.250
2C
2.2275
2.2725
↑
↑
↑
↑
2.300
23
2.2770
2.3230
↑
↑
↑
↑
2.350
2D
2.3265
2.3735
↑
↑
↑
↑
2.400
24
2.3760
2.4240
↑
↑
↑
↑
2.450
2E
2.4255
2.4745
↑
↑
↑
↑
2.500
25
2.4750
2.5250
210
270
↑
↑
2.550
2F
2.5245
2.5755
↑
↑
↑
↑
2.600
26
2.5740
2.6260
↑
↑
↑
↑
2.650
2G
2.6235
2.6765
↑
↑
↑
↑
2.700
27
2.6730
2.7270
↑
↑
↑
↑
2.750
2H
2.7225
2.7775
↑
↑
↑
↑
2.800
28
2.7720
2.8280
190
250
↑
↑
2.850
2J
2.8215
2.8785
↑
↑
↑
↑
2.900
29
2.8710
2.9290
↑
↑
↑
↑
2.950
2K
2.9205
2.9795
↑
↑
↑
↑
3.000
30
2.9700
3.0300
↑
↑
↑
↑
3.050
3A
3.0195
3.0805
↑
↑
↑
↑
3.100
31
3.0690
3.1310
↑
↑
↑
↑
3.150
3B
3.1185
3.1815
190
250
0.1
0.3
3.200
32
3.1680
3.2320
170
230
↑
↑
3.250
3C
3.2175
3.2825
↑
↑
↑
↑
3.300
33
3.2670
3.3330
↑
↑
↑
↑
3.350
3D
3.3165
3.3835
↑
↑
↑
↑
3.400
34
3.3660
3.4340
↑
↑
↑
↑
3.450
3E
3.4155
3.4845
↑
↑
↑
↑



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com