Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9203PL-23-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR9203PL-23-AF5-R
Description  CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9203PL-23-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR9203PL-23-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9203PL-23-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9203PL-23-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9203PL-23-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9203PL-23-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9203PL-23-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9203PL-23-AF5-R Datasheet HTML 7Page - Unisonic Technologies LR9203PL-23-AF5-R Datasheet HTML 8Page - Unisonic Technologies LR9203PL-23-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LR9203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R102-082.b
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
CIRCUITS MIN
TYP
MAX
UNIT
UTC LR9203P Type
2.0V>VOUT (T) (Note 3),
IOUT=10mA
-0.02
(Note 4)
VOUT(T)
+0.02
(Note 4)
V
Output Voltage
VOUT (E)
(Note 2)
2.0V≤VOUT (T), IOUT=10mA
1
×0.99
(Note 4)
×1.01
(Note 4)
Maximum
Output
Current
IOUTMAX
1
500
mA
Load Regulation
∆VOUT
0.1mA≤IOUT≤300mA
1
20
50
mV
Dropout Voltage (Note 5)
VD
IOUT=300mA
1
E-1 (Note 8)
mV
Supply Current
ISS
VIN=6.0V, IOUT=0mA
2
15
30
μA
Line Regulation
∆VOUT/
(∆VIN·VOUT)
VOUT (T)+0.5V≤VIN≤6.0V,
IOUT=30mA
1
E-2 (Note 9)
%/V
Input Voltage
VIN
1
6.0
V
Output Voltage
Temperature
Characteristics
∆VOUT/
(∆TOPR·VOUT)
IOUT=30mA, -40°C≤TOPR≤85°C
1
±30
ppm/°C
VOUT (T)≤4.75V,
VIN={VOUT (T)+1.0} VDC+0.5Vp-pAC,
IOUT=30mA, f=1kHz
3
55
dB
Power Supply Rejection
Ratio
PSRR
VOUT (T)≥4.80V,
VIN=5.75VDC+0.5Vp-pAC,
IOUT=30mA, f=1kHz
Current Limit
ILIM
1
510
630
750
mA
Short-circuit Current
ISHORT
Short VOUT to VSS level
1
120
210
mA
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
150
°C
Thermal Shutdown
Hysteresis Width
THYS
TTSD-TTSR
25
°C
Notes: 1. Unless otherwise stated regarding input voltage conditions, VIN=VOUT (T) (Note 3)+1.0V.
2. VOUT (E): Effective output voltage (i.e. the output voltage when “VOUT (T) +1.0V” is provided at the VIN pin
while maintaining a certain IOUT value.)
3. VOUT (T): Nominal output voltage.
4. Characteristics of the actual VOUT (E) by setting output voltage is shown in the voltage chart.
5. VD=VIN1 (Note 7)-VOUT1 (Note 6)
6. VOUT1 is a voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT (T)+1.0V} is
input.
7. VIN1 is an input voltage when VOUT1 appears at the VOUT pin while the input voltage is gradually decreased.
8. E-1: DROPOUT VOLTAGE (Refer to Voltage Chart.)
9. E-2: LINE REGULATION (Refer to Voltage Chart.)
10. This function is built in the UTC LR9203D series only. The UTC LR9203P series discharges by only
R1+R2 resistors as shown in the block diagrams.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com