Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9280CL-12-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9280CL-12-AE5-R
Description  150mA LDO REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9280CL-12-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9280CL-12-AE5-R Datasheet HTML 1Page - Unisonic Technologies LR9280CL-12-AE5-R Datasheet HTML 2Page - Unisonic Technologies LR9280CL-12-AE5-R Datasheet HTML 3Page - Unisonic Technologies LR9280CL-12-AE5-R Datasheet HTML 4Page - Unisonic Technologies LR9280CL-12-AE5-R Datasheet HTML 5Page - Unisonic Technologies LR9280CL-12-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9280
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R102-065.e
150mA LDO REGULATOR
DESCRIPTION
The UTC LR9280 is a typical LDO (linear regulator) with the
features of high output voltage accuracy, low supply current, low
ON-resistance. Internally, there’re many functions of UTC LR9280
which can be seen in the block figure. There are a voltage
reference unit, an error amplifier, resistor-net for voltage setting, a
current limit circuit, and a chip enable circuit in each UTC LR9280.
The output voltage of these ICs is fixed with high accuracy. B
version has a chip enable pin, therefore low consumption current
standby mode can be realized with the pin.
FEATURES
* Output voltage accuracy (±2.0%)
* Output voltage Range (1.2V~4.0V)
* Dropout voltage (TYP=0.25V )(IOUT=150mA 3.0V Output type)
* Line regulation (TYP=0.05%/V)
* Temperature-Drift Coefficient of Output Voltage
(TYP=±100ppm/°C)
* Ceramic capacitors are recommended to be used with this IC
(1μF)
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR9280CL-xx-AE2-R
LR9280CG-xx-AE2-R
SOT-23-3
Tape Reel
LR9280CL-xx-AE3-R
LR9280CG-xx-AE3-R
SOT-23
Tape Reel
LR9280xL-xx-AE5-R
LR9280xG-xx-AE5-R
SOT-23-5
Tape Reel
LR9280xL-xx-AF5-R
LR9280xG-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR9280CL-12-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9280CG-XX-AE5-R UTC-LR9280CG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
More results

Similar Description - LR9280CL-12-AE5-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
150mA LDO REGULATOR
R1180N121B RICOH-R1180N121B Datasheet
725Kb / 24P
150mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
150mA 2CH LDO REGULATOR
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR9280XG-XX-AE5-R UTC-LR9280XG-XX-AE5-R Datasheet
218Kb / 6P
150mA LDO REGULATOR
logo
RICOH electronics devic...
R1180 RICOH-R1180 Datasheet
303Kb / 19P
150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
150mA 2CH LDO REGULATOR
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1180X NISSHINBO-R1180X Datasheet
549Kb / 28P
150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com