Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD100F5 Datasheet(PDF) 7 Page - Nihon Inter Electronics Corporation

Part # PD100F5
Description  FRD 100A AVG 500 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD100F5 Datasheet(HTML) 7 Page - Nihon Inter Electronics Corporation

  PD100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
OPTREX DMF50260, DMF50383
OPTREX DMF50753, DMF50961
640x480
Fitting controller: PC8106N-2
Cable: CBL-50260/383
Backlight Inverter: DMF50260, Elevam S-12562-6M
DMF50383 DMF50753, Elevam S-12562-5M
DMF50260
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
J1-
20 18 19 25 25 26 32 1
2
3
4
9
10 11 12
Jumper J1 pins 31 and 33
Color Displays
OPTREX DMF50268
320X240
Fitting controller: PC8106N-2
Cable: CBL-50268
Backlight Inverter: CXAM10L-L
DMF50268
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
J1-
20 18 19 17 32 25 26 30 1
2
3
4
5
6
7
8
25
Jumper J1 pins 31 and 33
OPTREX DMF50414
640x480
Fitting controller: PC8106P-2
Cable: CBL-50414
Backlight Inverter: Elevam S-12549
CN1-
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
J1-
20 18 19 25 25 26 32 1
2
3
4
5
6
7
8
CN2-
1
2
3
4
5
6
7
8
9
10
|
|
|
|
|
|
|
|
|
|
J1-
28 9
10 11 12 13 14 15 16 28
Jumper J1 pins 29 and 31



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com