Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS-3003 Datasheet(PDF) 2 Page - Level One

Part # CAS-3003
Description  Varifocal Dome IP Network Camera
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

CAS-3003 Datasheet(HTML) 2 Page - Level One

  CAS-3003 Datasheet HTML 1Page - Level One CAS-3003 Datasheet HTML 2Page - Level One CAS-3003 Datasheet HTML 3Page - Level One CAS-3003 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.1X Network Access Control
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP,
SMTP, FTP, UPnP, SNMP, Bonjour
Image Sensor:
3-Megapixel 1/3.2" Progressive Scan CMOS
Lens:
Vari-focal,Manual focus, f2.8-12mm, F1.4
Port:
1 x RJ-45 10/100 Mbps PoE port
1 x terminal block Line in/out
I/O terminal block (1 DI/1 DO)
1 x MicroSDHC/ MicroSDXC card slot
Button/Knob:
Reset Button
Indicator:
Power
IR Cut Filter:
Removable infrared-cut filter for day & night function
IR LED:
15 IR LEDs for illumination up to 30m
Shutter Time:
1/5 ~ 1/10,000 sec
Angle of View:
70.5°-28.2°
Pan/Tilt/Zoom:
Digital Zoom to very high detail available on Software
Video Compression:
H.264 / MJPEG
Resolution:
3M(2048 x 1536)
Output Video Format:
RAW
Audio Compression:
G.711
Power Input:
802.3af PoE
Power Consumption:
PoE Class 2 (IEEE802.3af) / 6.49 W (IR on)
Data Rate:
10/100Mbps
www.level1.com
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com