Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9137A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9137A
Description  High Sensit ivity Hall Effect Sensor Lat ch IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9137A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9137A Datasheet HTML 1Page - Anpec Electronics Coropration APX9137A Datasheet HTML 2Page - Anpec Electronics Coropration APX9137A Datasheet HTML 3Page - Anpec Electronics Coropration APX9137A Datasheet HTML 4Page - Anpec Electronics Coropration APX9137A Datasheet HTML 5Page - Anpec Electronics Coropration APX9137A Datasheet HTML 6Page - Anpec Electronics Coropration APX9137A Datasheet HTML 7Page - Anpec Electronics Coropration APX9137A Datasheet HTML 8Page - Anpec Electronics Coropration APX9137A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 1 - Feb. , 2 0 1 1
APX9 1 3 7 A
w w w .anpec.com .t w
4
Typica l Ope r a t ing Ch a r act e r ist ics
VDD Supply Current vs. VDD Supply Voltage
VDD Supply Voltage(V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
Output Current(mA)
Output Saturation Voltage vs.
Output Current
V
DD = 2V
V
DD = 5V
-80
-60
-40
-20
0
20
40
60
80
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28
Magnetic Switching Points vs.
VDD Supply Voltage
Bop
Brp
VDD Supply Voltage(V)
-80
-60
-40
-20
0
20
40
60
80
-50
-25
0
25
50
75
100
125
150
Magnetic Switching Points vs.
Junction Temperature
Junction Temperature(
)
蚓
Bop
Brp
V
DD = 7V
Maximum Power Dissipation vs.
Ambient Temperature
Ambient Temperature(
)
蚓
0
50
100
150
200
250
300
350
400
0
25
50
75
100
125
150
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com