Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A4595ACEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A4595ACEX
Description  SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4595ACEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A4595ACEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8578C
01/05/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A4594A/4595A/4596A/4597A
SOTINY Low-Voltage, Single-Supply,
8-Ohm SPST CMOS Analog Switches
Absolute Maximum Ratings
Voltages Referenced to GND
V+ ............................................................................ –0.3V to + 6V
Voltage into Any Terminal (Note 1) ............. –0.3V to (V+ + 0.3V)
Continuous Current into Any Terminal ............................. ±20mA
Peak Current, NO, NC, or COM
(pulsed at 1ms, 10% duty cycle) ................................ ±40mA
Note
1. Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current rating.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) .............. 247mW
Operating Temperature Range
PI5A459_EXK ................................................ –40°C to +85°C
Storage Temperature Range ............................... –65°C to +150°C
Lead Temperature (soldering, 10s) .................................... +300°C
Electrical Characteristic - +5VSupply (V+ = +4.5V to +5.5V, VIH = +2.4V, VIL = +0.8V, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at V+ = +5V, TA = +25°C.)
(2, 3)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
V
M
O
C
V
,
O
N ,
C
N
C
0+
VV
e
c
n
a
t
s
i
s
e
R
n
OR N
O
V
,
V
5
.
4
=
+
V
O
N
r
o
,
V C
N
I
,
V
5
.
3
=
M
O
C
A
m
0
1
=
TA
V
5
2
+
=5
8
Ω
TA
T
=
N
I
M
T
o
t
X
A
M
0
1
e
c
n
a
t
s
i
s
e
R
-
n
O
s
s
e
n
t
a
l
F
)
4
(
R
)
N
O
(
T
A
L
F
V O
N
V
r
o
C
N
;
V
5
.
3
,
V
5
.
2
,
V
5
.
1
=
I
;
V
5
.
4
=
+
V
M
O
C
A
m
0
1
=
TA
V
5
2
+
=5
.
00
.
1
TA
T
=
N
I
M
T
o
t
X
A
M
5
.
1
f
f
O
C
N
r
o
O
N
t
n
e
r
r
u
C
e
g
a
k
a
e
L
I
)
F
F
O
(
O
N
I
)
F
F
O
(
O
N
V
;
V
5
.
5
=
+
V
M
O
C
;
V
5
.
4
,
V
1
=
V O
N
V
r
o
C
N
V
1
,
V
5
.
4
=
TA
V
5
2
+
=5
.
0
–1
0
.
05
.
0
A
n
TA
T
=
N
I
M
T
o
t
X
A
M
5
–5
e
g
a
k
a
e
L
f
f
O
-
M
O
C
t
n
e
r
r
u
C
I
)
F
F
O
(
M
O
C
V
;
V
5
.
5
=
+
V
M
O
C
;
V
5
.
4
,
V
1
=
V O
N
V
r
o
C
N
V
1
,
V
5
.
4
=
TA
V
5
2
+
=5
.
0
–1
0
.
05
.
0
TA
T
=
N
I
M
T
o
t
X
A
M
5
–5
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
r
r
u
C
I
)
N
O
(
M
O
C
V
;
V
5
.
5
=
+
V
M
O
C
;
V
5
.
4
,
V
1
=
V O
N
V
r
o
C
N
g
n
i
t
a
o
l
f
r
o
,
V
5
.
4
,
V
1
=
TA
V
5
2
+
=1
–1
0
.
01
TA
T
=
N
I
M
T
o
t
X
A
M
0
1
–0
1
O
/
I
l
a
t
i
g
i
D
h
g
i
H
c
i
g
o
L
t
u
p
n
IV H
I
4
.
2
V
w
o
L
c
i
g
o
L
t
u
p
n
IV H
I
8
.
0
t
n
e
r
r
u
C
c
i
g
o
L
t
u
p
n
II H
I
I
, L
I
V N
I
0
,
+
V
=1
–1
A
µ
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V O
N
V
r
o
C
N
R
,
V
3
=
L
,
s
m
h
o
0
0
3
=
CL
3
e
r
u
g
i
F
,
F
p
5
3
=
TA
V
5
2
+
=0
28
2
s
n
TA
T
=
N
I
M
T
o
t
X
A
M
8
3
e
m
i
T
f
f
O
-
n
r
u
Tt
F
F
O
V O
N
V
r
o
C
N
R
,
V
3
=
L
,
s
m
h
o
0
0
3
=
CL
3
e
r
u
g
i
F
,
F
p
5
3
=
TA
V
5
2
+
=5
25
3
TA
T
=
N
I
M
T
o
t
X
A
M
2
4
B
d
3
–
l
e
n
n
a
h
C
-
n
O
h
t
d
i
w
d
n
a
B
W
B
,
m
B
d
0
=
l
a
n
g
i
S
4
e
r
u
g
i
F
,
t
u
o
d
n
a
n
i
s
m
h
o
0
5
TA
V
5
2
+
=0
0
3z
H
M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com