Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS045 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS045
Description  35-BIT LED DISPLAY DRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS045 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS045 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
35-BIT LED DISPLAY DRIVER
Part No: 80-08-00003
Type: PS045M
Microelectronics Business Division
2003.03
1 / 1
OPTO TECH CORPORATION
Tel:
886-3-5638951
Fax: 886-3-5783696
http://www.opto.com.tw
Since 1983
OPTO TECH
■ FEATURES
— CMOS technology
— Continuous brightness control
— Serial data input
— No LOAD signal required
— Optional external data enable and reset
— Wide power supply operation (3.5V to 12V)
— 34 or 35 outputs, 20mA sink capability
— Alphanumeric capability
■ APPLICATIONS
— Products with alphanumeric LED displays such as digital clock, counter,
radio, multimeter, etc.
— Industrial control indicator or instrumentation readout
— Relay driver
■ GENERAL DESCRIPTIONS
The PS045M is designed to drive either 4 or 5-digit, common anode alphanumeric
LED displays with the added benefit of requiring minimal interface with the
display or data source. Data is transferred serially via 2 signals: clock and
serial data. Data transfer without the added inconvenience of external LOAD
and RESET signal is accomplished by using a format of a leading "1" followed
by the allowed 35 data bits. Display brightness is determined by control of
the output current for LED displays. Typically, the output current is 36 times
greater that current flowing into the B.C. terminal.
■ DIE SIZE AND PAD ASSIGNMENT
6
: V D D
5
: B . C .
4
: R E S E T
3
: O U T 1
2
: O U T 2
1
: O U T 3
4 4 : O U T 4
4 2 : O U T 6
4 3 : O U T 5
4 1 : V S S
4 0 : O U T 7
3 8 : O U T 9
3 9 : O U T 8
3 7 : O U T 1 0
3 6 : O U T 1 1
3 5 : O U T 1 2
3 2 : O U T 1 5
3 1 : O U T 1 6
2 5 : O U T 2 1
2 6 : O U T 2 0
2 7 : O U T 1 9
3 0 : O U T 1 7
2 9 : V S S
2 8 : O U T 1 8
3 4 : O U T 1 3
3 3 : O U T 1 4
2 4 : O U T 2 2
2 3 : O U T 2 3
2 0 : O U T 2 6
2 1 : O U T 2 5
2 2 : O U T 2 4
1 7 : O U T 2 9
1 8 : O U T 2 8
1 9 : O U T 2 7
8
: D A T A
I N
7
: C L K
1 6 : V S S
1 4 : O U T 3 1
1 5 : O U T 3 0
1 3 : O U T 3 2
1 2 : O U T 3 3
1 0 : O U T 3 5
1 1 : O U T 3 4
9
: E N B
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
P A D
N A M E
V D D
V S S
R E S E T
B . C .
C L K
D A T A
I N
E N B
O U T n
D E S C R I P T I O N
S u p p l y
v o l t a g e
S y s t e m
g r o u n d
T o
r e s e t
a l l
t h e
i n t e r n a l
r e g i s t e r s
B r i g h t n e s s - c o n t r o l
c u r r e n t
i n p u t
C l o c k
i n p u t
t o
t r a n s f e r
s e r i a l
d a t a
S e r i a l
d a t a
i n p u t
T o
e n a b l e
o r
d i s a b l e
s e r i a l
d a t a
i n p u t
C o n s t a n t
s i n k i n g
c u r r e n t
o u t p u t
2770um
2610um


Similar Part No. - PS045

ManufacturerPart #DatasheetDescription
logo
CUI INC
PS04 CUI-PS04 Datasheet
328Kb / 5P
PRESSURE SENSOR
12/09/2021
logo
Same Sky Devices
PS04 SAMESKY-PS04 Datasheet
239Kb / 5P
PRESSURE SENSOR
09/12/2024
logo
CUI INC
PS04-G100KP-A4W CUI-PS04-G100KP-A4W Datasheet
328Kb / 5P
PRESSURE SENSOR
12/09/2021
PS04-G100KP-V4W CUI-PS04-G100KP-V4W Datasheet
328Kb / 5P
PRESSURE SENSOR
12/09/2021
PS04-G10KP-A4W CUI-PS04-G10KP-A4W Datasheet
328Kb / 5P
PRESSURE SENSOR
12/09/2021
More results

Similar Description - PS045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
List of Unclassifed Man...
PS035 ETC1-PS035 Datasheet
163Kb / 1P
35-BIT LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com