Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9170D Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9170D
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9170D Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9170D Datasheet HTML 1Page - Anpec Electronics Coropration APX9170D Datasheet HTML 2Page - Anpec Electronics Coropration APX9170D Datasheet HTML 3Page - Anpec Electronics Coropration APX9170D Datasheet HTML 4Page - Anpec Electronics Coropration APX9170D Datasheet HTML 5Page - Anpec Electronics Coropration APX9170D Datasheet HTML 6Page - Anpec Electronics Coropration APX9170D Datasheet HTML 7Page - Anpec Electronics Coropration APX9170D Datasheet HTML 8Page - Anpec Electronics Coropration APX9170D Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2017
APX9170D
www.anpec.com.tw
4
Typical Operating Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0 1 2 3 45 6 7 8 9 1011 1213 141516 1718 1920
VDD Supply Current vs. VDD Supply Voltage
VDD Supply Voltage(V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
100
200
300
400
500
Output Saturation Voltage vs.
Output Current
Output Current(mA)
Upper Side
Lower Side
VDD = 12V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
Magnetic Switching Points vs.
VDD Supply Voltage
VDD Supply Voltage(V)
Bop
Brp
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
125
150
Magnetic Switching Points vs.
Junction Temperature
Junction Temperature(
oC)
VDD = 12V
Brp
Bop
Maximum Power Dissipation vs.
Ambient Temperature
Ambient Temperature(
oC)
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com