Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9202D Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9202D
Description  Single-Phase Full-Wave MotorDriver for Fan Motor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9202D Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9202D Datasheet HTML 1Page - Anpec Electronics Coropration APX9202D Datasheet HTML 2Page - Anpec Electronics Coropration APX9202D Datasheet HTML 3Page - Anpec Electronics Coropration APX9202D Datasheet HTML 4Page - Anpec Electronics Coropration APX9202D Datasheet HTML 5Page - Anpec Electronics Coropration APX9202D Datasheet HTML 6Page - Anpec Electronics Coropration APX9202D Datasheet HTML 7Page - Anpec Electronics Coropration APX9202D Datasheet HTML 8Page - Anpec Electronics Coropration APX9202D Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2017
www.anpec.com.tw
4
APX9202D
Typical Operating Characteristics
VCC Supply Current vs. VCC Supply Voltage
VCC Supply Voltage(V)
3
4
5
6
7
3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Operation Mode
VCC Supply Voltage(V)
VCC Supply Current vs. VCC Supply Voltage
9
10
11
12
13
14
15
4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Standby Mode
VCC Supply Voltage(V)
5VREG vs. VCC Supply Voltage
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
100
200
300
400
500
600
700
800
900
1000
Output Saturation Voltage vs. Output Current
Output Current(mA)
VCC = 12V
Upper Side
Lower side
0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
35
40
45
FG Pin Low Voltage vs. Sink Current
FG Pin Sink Current(mA)
VCC = 12V
Maximum Power Dissipation vs.
Ambient Temperature
Ambient Temperature(
oC)
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
SSOP-16
TSSOP-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com