Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS22-08IO1M Datasheet(PDF) 5 Page - IXYS Corporation

Part # CS22-08IO1M
Description  High Efficiency Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS22-08IO1M Datasheet(HTML) 5 Page - IXYS Corporation

  CS22-08IO1M Datasheet HTML 1Page - IXYS Corporation CS22-08IO1M Datasheet HTML 2Page - IXYS Corporation CS22-08IO1M Datasheet HTML 3Page - IXYS Corporation CS22-08IO1M Datasheet HTML 4Page - IXYS Corporation CS22-08IO1M Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CS22-08io1M
0
25
50
75 100 125 150 175
0
5
10
15
20
25
30
0
25
50
75
0
1
2
3
4
10-2
10-1
100
101
10-1
100
101
102
0,001
0,01
0,1
1
80
120
160
200
240
280
0,5
1,0
1,5
2,0
0
10
20
30
40
50
60
0,001
0,01
0,1
1
10
100
0
1
2
3
I
T
[A]
t [s]
V
T [V]
2
3
4 5 6 7 8 9 0
1
1
100
1000
I
2t
[A
2s]
t [ms]
I
TSM
[A]
T
VJ = 25°C
T
VJ = 125°C
T
VJ = 45°C
50 Hz, 80% V
RRM
T
VJ = 125°C
T
VJ = 45°C
V
R = 0 V
V
G
[V]
I
G [mA]
I
T(AV)M
[A]
T
case [°C]
Z
thJC
[K/W]
t [s]
Fig. 1 Forward characteristics
Fig. 2 Surge overload current
I
TSM: crest value, t: duration
Fig. 3 I
2t versus time (1-10 s)
Fig. 4 Gate voltage & gate current
Triggering: A = no; B = possible; C = safe
Fig. 6 Max. forward current at
case temperature
Fig. 8 Transient thermal impedance junction to case
T
VJ = 150°C
125°C
I
GD: TVJ = 125°C
I
GD: TVJ = 25°C
A
B
B
B
C
t
gd
[µs]
I
G [A]
lim.
typ.
Fig. 5 Gate controlled delay time t
gd
0
5
10
15
20
0
4
8
12
16
20
24
I
T(AV) [A]
P
(AV)
[W]
Fig. 7a Power dissipation versus direct output current
Fig. 7b and ambient temperature
0
50
100
150
T
amb [°C]
T
VJ = 125°C
dc =
1
0.5
0.4
0.33
0.17
0.08
R
thHA
0.6
0.8
1.0
2.0
4.0
8.0
180° sine
i
R
thi (K/W)
t
i (s)
1
0.015
0.0011
2
0.124
0.0019
3
0.395
0.07
4
1.606
1.1
5
0.86
4.9
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20150827b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com