Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS23 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CS23
Description  Phase Control Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS23 Datasheet(HTML) 2 Page - IXYS Corporation

  CS23 Datasheet HTML 1Page - IXYS Corporation CS23 Datasheet HTML 2Page - IXYS Corporation CS23 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2000 IXYS All rights reserved
2 - 3
Symbol
Test Conditions
Characteristic Values
I
R, ID
T
VJ = TVJM; VR = VRRM; VD = VDRM
£
3mA
V
T
I
T
= 80 A; T
VJ = 25°C
£
1.8
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
1.0
V
r
T
10
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
2.5
V
T
VJ = -40°C
£
3.5
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
50
mA
T
VJ = -40°C
£
80
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
£
1mA
I
L
T
VJ = 25°C; tP = 10 ms
£
200
mA
I
G = 0.15 A; diG/dt = 0.15 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥
£
100
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.15 A; diG/dt = 0.15 A/ms
t
q
T
VJ = TVJM; IT = 25 A, tP = 300 ms; di/dt = -20 A/ms
typ.
60
ms
V
R = 100 V; dv/dt = 20 V/ms; VD = 2/3 VDRM
R
thJC
DC current
1.0
K/W
R
thJH
DC current
1.61 K/W
d
S
Creepage distance on surface
1.5
mm
d
A
Strike distance through air
1.5
mm
a
Max. acceleration, 50 Hz
50
m/s2
Accessories:
Nut M6 DIN 439/SW14
Lock washer A6 DIN 128
CS 23
Fig. 2 Gate controlled delay time t
gd
Fig. 3 On-state characteristics
Fig. 1 Gate voltage and gate current
Triggering:
A = no; B = possible; C = safe
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
10-2
10-1
100
101
10-1
100
101
102
0
25
50
75
100
0
1
2
3
4
I
T
t
gd
V
G
V
I
G
t
V
T
A
ms
mA
A
V
lim.
typ.
typ.
lim.
T
VJ= 125°C
T
VJ=
25°C
I
GD: TVJ=
25°C
I
GD: TVJ=125°C
A
B
B
B
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com