Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS23-08io2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS23-08io2
Description  Phase Control Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS23-08io2 Datasheet(HTML) 1 Page - IXYS Corporation

  CS23-08io2 Datasheet HTML 1Page - IXYS Corporation CS23-08io2 Datasheet HTML 2Page - IXYS Corporation CS23-08io2 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
Phase Control Thyristors
V
RRM
= 800-1600 V
I
T(RMS) = 50 A
I
T(AV)M = 32 A
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
900
800
CS 23-08io2
1300
1200
CS 23-12io2
1700
1600
CS 23-16io2
Symbol
Test Conditions
Maximum Ratings
I
T(RMS)
T
VJ
= T
VJM
50
A
I
T(AV)M
T
case = 85°C; 180° sine
25
A
T
case = 69°C; 180° sine
32
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
450
A
V
R = 0
t = 8.3 ms (60 Hz), sine
480
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
400
A
V
R = 0
t = 8.3 ms (60 Hz), sine
430
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1010
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
970
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
800
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
770
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 75 A
150
A/
ms
f = 50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A
non repetitive, I
T = IT(AV)M
500
A/
ms
di
G/dt = 0.3 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
ms10
W
I
T = IT(AV)M
t
P =
300
ms5
W
P
G(AV)
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
M
d
Mounting torque
2.7-3.3
Nm
24-29
lb.in.
Weight
12
g
Features
q
Thyristor for line frequencies
q
International standard package
JEDEC TO-208AA
q
Planar glassivated chip
q
Long-term stability of blocking
currents and voltages
Applications
q
Motor control
q
Power converter
q
AC power controller
Advantages
q
Space and weight savings
q
Simple mounting
q
Improved temperature and power
cycling
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
CS 23
1
2
3
TO-208AA
(TO-48)
1 = Anode, 2 = Cathode, 3 = Gate
2
3
1
M6


Similar Part No. - CS23-08io2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS23-08IO2 ETC1-CS23-08IO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
logo
Naina Semiconductor ltd...
CS23-08IO2 NAINA-CS23-08IO2 Datasheet
102Kb / 2P
Phase Control Thyristors, 25A
More results

Similar Description - CS23-08io2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
PHASE CONTROL THYRISTORS
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
Phase Control Thyristors
logo
Nell Semiconductor Co.,...
395PTAO NELLSEMI-395PTAO Datasheet
834Kb / 3P
PHASE CONTROL THYRISTORS
700PTBO NELLSEMI-700PTBO Datasheet
687Kb / 2P
PHASE CONTROL THYRISTORS
910PTCO NELLSEMI-910PTCO Datasheet
126Kb / 2P
Phase Control Thyristors
1150PTCO NELLSEMI-1150PTCO Datasheet
2Mb / 2P
PHASE CONTROL THYRISTORS
1200PTDO NELLSEMI-1200PTDO Datasheet
737Kb / 2P
PHASE CONTROL THYRISTORS
2180PTEO NELLSEMI-2180PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
2550PTEO NELLSEMI-2550PTEO Datasheet
1Mb / 6P
PHASE CONTROL THYRISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com