Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS45-08IO1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CS45-08IO1
Description  Single Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS45-08IO1 Datasheet(HTML) 3 Page - IXYS Corporation

  CS45-08IO1 Datasheet HTML 1Page - IXYS Corporation CS45-08IO1 Datasheet HTML 2Page - IXYS Corporation CS45-08IO1 Datasheet HTML 3Page - IXYS Corporation CS45-08IO1 Datasheet HTML 4Page - IXYS Corporation CS45-08IO1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CS45-08io1
Ratings
Product Marking
Date Code
Part No.
Logo
IXYS
abcd
Assembly Code
Zyyww
Assembly Line
XXXXXXXXX
CS45-16io1
TO-247AD (3)
1600
Package
Top
°C
M
D
Nm
1.2
mounting torque
0.8
T
VJ
°C
150
virtual junction temperature
-40
Weight
g
6
Symbol
Definition
typ.
max.
min.
Conditions
operation temperature
Unit
F
C
N
120
mounting force with clip
20
I RMS
RMS current
70
A
per terminal
125
-40
CS45-16io1R
CLA50E1200HB
ISOPLUS247 (3)
TO-247AD (3)
1600
1200
TO-247
Similar Part
Package
Voltage class
CS45-12io1
TO-247AD (3)
1200
Delivery Mode
Quantity
Code No.
Ordering Number
Marking on Product
Ordering
CS45-08io1
467677
Tube
30
CS45-08io1
Standard
T
stg
°C
150
storage temperature
-40
threshold voltage
V
0.88
mΩ
V0 max
R0 max
slope resistance *
8.5
Equivalent Circuits for Simulation
T
=
VJ
I
V
0
R0
Thyristor
150 °C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20150827d
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com