Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS23-16io2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CS23-16io2
Description  Phase Control Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS23-16io2 Datasheet(HTML) 3 Page - IXYS Corporation

  CS23-16io2 Datasheet HTML 1Page - IXYS Corporation CS23-16io2 Datasheet HTML 2Page - IXYS Corporation CS23-16io2 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
0
50
100
150
0
10
20
30
40
23
4
5 6 7 8 9
110
200
400
600
800
100
1000
10-3
10-2
10-1
100
101
0
100
200
300
400
500
0
1020304050
60
0
20
40
60
80
50
100
150
0
10-3
10-2
10-1
100
101
102
103
104
0
1
2
I
T(AV)M
I
2t
I
TSM
A
t
t
T
c
P
T
W
I
T(AV)M
A
T
amb
t
s
Z
thJH
K/W
A
A
2s
s
°C
ms
°C
CS 23
Fig. 8 Transient thermal impedance junction to heatsink
Fig. 4 Surge overload current
I
TSM: crest value, t: duration
Fig. 5 I2t versus time (1-10 ms)
Fig. 6 Maximum forward current at
case temperature 180
° sine
R
thJH for various conduction angles d:
dR
thJH (K/W)
DC
1.61
180
°
1.85
120
°
2.03
60
°
2.35
30
°
2.60
Constants for Z
thJH calculation:
iR
thi (K/W)
t
i (s)
1
0.224
0.003
2
0.132
0.028
3
0.321
0.216
4
0.522
1.1
5
0.249
4.2
6
0.162
43.2
Fig. 7 Power dissipation versus on-state current and ambient temperature
50Hz, 80%V
RRM
T
VJ = 45°C
T
VJ = 125°C
V
R = 0 V
T
VJ = 45°C
T
VJ = 125°C
DC
180° sin
120°
60°
30°
R
thJA :
1.9 K/W
2.3 K/W
2.7 K/W
2.7 K/W
4.3 K/W
6.1 K/W
d = DC
d = 180°
d = 120°
d = 30°
d = 60°
ase



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com