Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM5B37S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCM5B37S
Description  Thermocouple Input Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SCM5B37S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCM5B37S Datasheet HTML 1Page - List of Unclassifed Manufacturers SCM5B37S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATAFORTH
A Burr-Brown Company
®
Call 800-444-7644
For Information and Assistance
SPECIFICATIONS Typical at T
A = +25°C and +5V power.
Module
SCM5B37
Input Range
-0.1V to +0.5V
Input Bias Current
-25nA
Input Resistance
Normal
50M
Ω
Power Off
40k
Ω
Overload
40k
Ω
Input Protection
Continuous
240Vrms max
Transient
ANSI/IEEE C37.90.1-1989
CMV, Input to Output
Continuous
1500Vrms max
Transient
ANSI/IEEE C37.90.1-1989
CMR (50Hz or 60Hz)
160dB
NMR
95dB at 60Hz, 90dB at 50Hz
Accuracy(1)
±0.05% Span ±10µV RTI(2)
Nonlinearity
±0.02% Span
Stability
Input Offset
±1µV/°C(3)
Output Offset
±20µV/°C
Gain
±25ppm/°C
Noise
Input, 0.1 to 10Hz
0.2
µVrms
Output, 100kHz
200
µVrms
Bandwidth, –3dB
4Hz
Response Time, 90% Span
0.2s
Output Range
0V to +5V
Output Resistance
50
Ω
Output Protection
Continuous Short to Ground
Output Selection Time
6
µs at C
load = 0 to 2000pF
(to
±1mV of V
OUT)
Output Current Limit
+8mA
Output Enable Control
Max Logic “0”
+0.8V
Min Logic “1”
+2.4V
Max Logic “1”
+36V
Input Current, “0”, “1”
0.5
µA
Open Input Response
Upscale
Open Input Detection Time
10s
Cold Junction Compensation
Accuracy, 25
°C
±0.25°C
Accuracy, +5
°C to +45°C
±0.5°C
Accuracy, –40
°C to +85°C
±1.25°C
Power Supply Voltage
+5VDC
±5%
Power Supply Current
30mA
Power Supply Sensitivity
±2µV/% RTI(2)
Mechanical Dimensions
2.28" x 2.26" x 0.60" (58mm x 57mm x 15mm)
Environmental
Operating Temp. Range
–40
°C to +85°C
Storage Temp. Range
–40
°C to +85°C
Relative Humidity
0 to 95% Noncondensing
RFI Susceptibility
±0.5% Span Error at 400MHz, 5W, 3ft
NOTES: (1) Includes nonlinearity, hysteresis
and repeatability. Does not include CJC
accuracy. (2) RTI = Referenced to input.
(3)This is equivalent to
°C as follows: Type J
0.020
°C/°C, Types K, T 0.025°C/°C,
Type E 0.016
°C/°C, Types R, S 0.168°C/°C.
Type N 0.037
°C/°C, Type C, 0.072°C/°C.
ORDERING
INFORMATION
MODEL
TYPE
INPUT RANGE
OUTPUT RANGE
SCM5B37J
Type J
–100
°C to +760°C (–148°F to +1400°F)
0V to +5V
SCM5B37K
Type K
–100
°C to +1350°C (–148°F to +2462°F)
0V to +5V
SCM5B37T
Type T
–100
°C to +400°C (–148°F to +752°F)
0V to +5V
SCM5B37E
Type E
0
°C to +900°C (+32°F to +1652°F)
0V to +5V
SCM5B37R
Type R
0
°C to +1750°C (+32°F to +3182°F)
0V to +5V
SCM5B37S
Type S
0
°C to +1750°C (+32°F to +3182°F)
0V to +5V
SCM5B37B
Type B
0
°C to +1800°C (+32°F to +3272°F)
0V to +5V
SCM5B37C
Type C
+350
°C to +1300°C (+662°F to +2372°F)
OV to +5V
SCM5B37N
Type N
–100
°C to +1300°C (–148°F to +2372°F)
0V to +5V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com