Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS-3003 Datasheet(PDF) 1 Page - Level One

Part # CAS-3003
Description  Panoramic Dome IP Network Camera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

CAS-3003 Datasheet(HTML) 1 Page - Level One

  CAS-3003 Datasheet HTML 1Page - Level One CAS-3003 Datasheet HTML 2Page - Level One CAS-3003 Datasheet HTML 3Page - Level One CAS-3003 Datasheet HTML 4Page - Level One CAS-3003 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FCS-3094 Version: 1
Power supply unit is to be ordered separately.
Panoramic Dome IP Network Camera,
10-Megapixel, 802.3af PoE, two-way audio
The LevelOne FCS-3094 is a panoramic IP surveillance camera, offering a full 360 degree view and clear,
sharp images in 10 megapixel resolution. LevelOne FCS-3094 comes housed in a low-profile dome
mounting, which is perfect for installing on a ceiling. The camera is PoE, and can run both power and data
through the same Cat.5 cable, making installation fast and flexible. An excellent choice for large areas that
require wide-ranging surveillance.
Key Features
- Built-in Micro SDHC/SDXC card slot for local storage
- 10-Megapixel high-definition resolution
- Offers various 360°/180° video modes for panoramic wide-angle surveillance
- Features WDR (Wide Dynamic Range) to enhance visibility under extremely bright or dark environments
- Removable IR-cut filter for day and night surveillance
- Dual power support: 12V DC/PoE (IEEE 802.3af)
- Video compression: H.264, MJPEG
- Free surveillance and CMS (Central Management System) software packages with 64-channel license
www.level1.com
Page 1 of 5


Similar Part No. - CAS-3003

ManufacturerPart #DatasheetDescription
logo
Level One
CAS-3003 LVL1-CAS-3003 Datasheet
552Kb / 4P
Varifocal Dome IP Network Camera
More results

Similar Description - CAS-3003

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3093 LVL1-FCS-3093 Datasheet
586Kb / 4P
Panoramic Dome Network Camera
FCS-3094 LVL1-FCS-3094 Datasheet
769Kb / 5P
Panoramic Dome Network Camera
FCS-3085 LVL1-FCS-3085 Datasheet
656Kb / 5P
Varifocal Dome IP Network Camera
FCS-3083 LVL1-FCS-3083_18 Datasheet
953Kb / 5P
Varifocal Dome IP Network Camera
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
Fixed Dome IP Network Camera,
FCS-3064 LVL1-FCS-3064_18 Datasheet
810Kb / 5P
Varifocal Dome IP Network Camera
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
Fixed Dome IP Network Camera
FCS-3092 LVL1-FCS-3092 Datasheet
495Kb / 4P
Panoramic Dome IP Network Camera
FCS-3093 LVL1-FCS-3093_18 Datasheet
484Kb / 4P
Panoramic Dome IP Network Camera
FCS-3305 LVL1-FCS-3305 Datasheet
245Kb / 3P
Zoom Dome IP Network Camera
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com