Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN06B-05 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN06B-05
Description  6W DIP Package DC-DC Regulated Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN06B-05 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SCWN06B-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN06B-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN06B-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN06B-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name:SCWN06,DCWN06-SPEC 2018-03-01
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
x.xxx
x.xx
0.25mm(
0.010")
±±
Pin size is:0.5
0.05mm (0.02
0.002")
±"±
Plug Assignment
Pin-Out
Pin No.
2,3
9
11
14
16
22,23
-Vin
-Vin
Common
N.C.
-Vout
N.C.
+Vout
+Vout
Common
-Vout
+Vin
+Vin
SCWN06
(Single output)
DCWN06
(Dual output)
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Derating Curve
Ta (
)
℃
-40
-20
0
Natural convection
20
40
50
80
100
40
20
60
80
90
100
6W DIP Package DC-DC Regulated Converter
SCWN06 & DCWN06 series
Mechanical Specification
16
9
23
2
22
14
3
11
Bottom View
Side View
15.24(0.6)
3.8(0.15)
10.2(0.4)
20.3(0.8)
0.5(0.02")



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com