Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9262P Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9262P
Description  Direct PWM Variable Speed Fan Motor Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9262P Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9262P Datasheet HTML 1Page - Anpec Electronics Coropration APX9262P Datasheet HTML 2Page - Anpec Electronics Coropration APX9262P Datasheet HTML 3Page - Anpec Electronics Coropration APX9262P Datasheet HTML 4Page - Anpec Electronics Coropration APX9262P Datasheet HTML 5Page - Anpec Electronics Coropration APX9262P Datasheet HTML 6Page - Anpec Electronics Coropration APX9262P Datasheet HTML 7Page - Anpec Electronics Coropration APX9262P Datasheet HTML 8Page - Anpec Electronics Coropration APX9262P Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Mar., 2016
APX9262P
www.anpec.com.tw
4
Typical Operating Characteristics
VCC Supply Voltage(V)
VCC Supply Current vs. VCC
Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Rotation Mode
VCC Supply Voltage(V)
VCC Supply Current vs. VCC
Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Lock Protection Mode
VCC Supply Voltage(V)
CT Charge/Discharge Current vs.
VCC Supply Voltage
0
0.5
1
1.5
2
2.5
0
2
4
6
8
10
12
14
16
Charge Current
Discharge Current
Output Saturation Voltage vs.
Output Current
Output Current(mA)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
200
400
600
800
1000
VCC = 12V
Upper Side
Lower Side
FG/RD Pin Low Voltage vs. Sink
Current
FG/RD Pin Sink Current(mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0
1
2
3
4
5
6
7
8
9
10
VCC = 12V
OSC Frequency vs. VCC Supply
Voltage
VCC Supply Voltage(V)
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
COSC=100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com