Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6139 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6139
Description  Wide Input, 1.3MHz Synchronous PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6139 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6139 Datasheet HTML 5Page - Sipex Corporation SP6139 Datasheet HTML 6Page - Sipex Corporation SP6139 Datasheet HTML 7Page - Sipex Corporation SP6139 Datasheet HTML 8Page - Sipex Corporation SP6139 Datasheet HTML 9Page - Sipex Corporation SP6139 Datasheet HTML 10Page - Sipex Corporation SP6139 Datasheet HTML 11Page - Sipex Corporation SP6139 Datasheet HTML 12Page - Sipex Corporation SP6139 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Date: 12/20/04
SP6139 Wide Input, 1.3MHz Synchronous PWM Controller
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part Number
Temperature
Topmark
Package
SP6139EU........................-40°C to +85°C...................SP6139EU ........................... 10 Pin MSOP
SP6139EU/TR..................-40°C to +85°C...................SP6139EU ........................... 10 Pin MSOP
/TR = Tape and Reel
Pack quantity is 2,500 for MSOP.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6139EU/TR = standard; SP6139EU-L/TR = lead free
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com