Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9365D Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9365D
Description  Three-Phase Sensor-Less Fan Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9365D Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9365D Datasheet HTML 1Page - Anpec Electronics Coropration APX9365D Datasheet HTML 2Page - Anpec Electronics Coropration APX9365D Datasheet HTML 3Page - Anpec Electronics Coropration APX9365D Datasheet HTML 4Page - Anpec Electronics Coropration APX9365D Datasheet HTML 5Page - Anpec Electronics Coropration APX9365D Datasheet HTML 6Page - Anpec Electronics Coropration APX9365D Datasheet HTML 7Page - Anpec Electronics Coropration APX9365D Datasheet HTML 8Page - Anpec Electronics Coropration APX9365D Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2014
APX9365D/E/F
www.anpec.com.tw
4
Typical Operating Characteristics
VCC Supply Current vs. VCC Supply Voltage
0
0.5
1
1.5
2
2.5
3
1 1.5
2 2.5
3
3.5
4
4.5
5
5.5
6
VCC Supply Voltage(V)
Operation Mode
VCC Supply Current vs. VCC Supply Voltage
1 1.5
2
2.5
3 3.5
4
4.5
5
5.5
6
VCC Supply Voltage(V)
Standby Mode
0
20
40
60
80
100
120
Output Saturation Voltage vs. Output Current
0
200
400
600
800
1000
Output Current (mA)
Lower Side
Upper Side
V
CC = 5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
FG Pin Low Voltage vs. Sink Current
0
1
2
3
4
5
6
7
8
9
10
FG Pin Sink Current (mA)
V
CC = 2V
V
CC = 5V
0
0.1
0.2
0.3
0.4
0.5
Maximum Power Dissipation vs.
Ambient Temperature
Ambient Temperature (oC)
0
25
50
75
100
125
150
0
200
400
600
800
1000
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com