Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3238EECA/TR Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP3238EECA/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238EECA/TR Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP3238EECA/TR Datasheet HTML 11Page - Sipex Corporation SP3238EECA/TR Datasheet HTML 12Page - Sipex Corporation SP3238EECA/TR Datasheet HTML 13Page - Sipex Corporation SP3238EECA/TR Datasheet HTML 14Page - Sipex Corporation SP3238EECA/TR Datasheet HTML 15Page - Sipex Corporation SP3238EECA/TR Datasheet HTML 16Page - Sipex Corporation SP3238EECA/TR Datasheet HTML 17Page - Sipex Corporation SP3238EECA/TR Datasheet HTML 18Page - Sipex Corporation SP3238EECA/TR Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
Date: 02/24/05
SP3238EE Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2005 Sipex Corporation
AUTO ON-LINE® Circuitry
The SP3238EE device has a patent pending
AUTO ON-LINE® circuitry on board that saves
power in applications such as laptop computers,
palmtop (PDA) computers, and other portable
systems.
The SP3238EE device incorporates an
AUTO ON-LINE® circuit that automatically
enables itself when the external transmitters are
enabled and the cable is connected. Conversely,
the AUTO ON-LINE® circuit also disables
most of the internal circuitry when the device is
not being used and goes into a standby mode
where the device typically draws 1
µA. This
function is externally controlled by the ONLINE
pin. When this pin is tied to a logic LOW, the
AUTO ON-LINE® function is active. Once
active, the device is enabled until there is no
activity on the receiver inputs. The receiver
input typically sees at least +3V, which are
generated from the transmitters at the other end
of the cable with a +5V minimum. When the
external transmitters are disabled or the cable is
disconnected, the receiver inputs will be pulled
down by their internal 5k
Ω resistors to ground.
When this occurs over a period of time, the
internal transmitters will be disabled and the
device goes into a shutdown or standby mode.
When ONLINE is HIGH, the AUTO ON-
LINE®
mode is disabled.
The AUTO ON-LINE® circuit has two stages:
1) Inactive Detection
2) Accumulated Delay
The first stage, shown in Figure 17, detects an
inactive input. A logic HIGH is asserted on
R
XINACT if the cable is disconnected or the
external transmitters are disabled. Otherwise,
R
XINACT will be at a logic LOW. This circuit
is duplicated for each of the other receivers.
The second stage of the AUTO ON-LINE®
circuitry, shown in Figure 18, processes all the
receiver's R
XINACT signals with an accumu-
lated delay that disables the device to a 1
µA
supply current.
The STATUS pin goes to a logic LOW when the
cable is disconnected or when the external trans-
mitters are disabled.
When the drivers or internal charge pump are
disabled, the supply current is reduced to 1
µA.
This can commonly occur in hand-held or
portable applications where the RS-232 cable is
disconnected or the RS-232 drivers of the
connected peripheral are turned off.
The AUTO ON-LINE® mode can be disabled
by the SHUTDOWN pin. If this pin is a logic
LOW, the AUTO ON-LINE® function will not
operate regardless of the logic state of the
ONLINE pin. Table 2 summarizes the logic of
the AUTO ON-LINE® operating modes and
the truth table logic of the driver and receiver
outputs.
The STATUS pin outputs a logic LOW signal
when there is no valid RS-232 signal present on
any receiver input.
This pin goes to a
logic HIGH when the external transmitters are
enabled and the cable is connected.
When the SP3238E device is shut down, the
charge pump is turned off. V+ charge pump
output decays to V
CC, the V- output decays to
GND. The decay time will depend on the size of
capacitors used for the charge pump. Once in
shutdown, the time required to exit the shut
down state and have valid V+ and V- levels is
typically 200ms.
For easy programming, the STATUS pin can be
used to indicate DTR or a Ring Indicator signal.
Tying ONLINE and SHUTDOWN together
will bypass the AUTO ON-LINE® circuitry so
this connection acts like a shutdown input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com