Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S03 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1S03
Description  1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03 Datasheet(HTML) 2 Page - STMicroelectronics

  ST1S03 Datasheet HTML 1Page - STMicroelectronics ST1S03 Datasheet HTML 2Page - STMicroelectronics ST1S03 Datasheet HTML 3Page - STMicroelectronics ST1S03 Datasheet HTML 4Page - STMicroelectronics ST1S03 Datasheet HTML 5Page - STMicroelectronics ST1S03 Datasheet HTML 6Page - STMicroelectronics ST1S03 Datasheet HTML 7Page - STMicroelectronics ST1S03 Datasheet HTML 8Page - STMicroelectronics ST1S03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ST1S03
2/11
Table 1: Order Codes
Figure 2: Pin Connection (top through view)
Table 2: Pin Description
Table 3: Absolute Maximum Ratings
Absolute Maximum Ratings are those beyond which damage to the device may occur. Functional operation under these condition is not im-
plied.
Table 4: Thermal Data
SYMBOL
DFN6
(Tape & Reel)
ST1S03
ST1S03PM
ST1S03RPM
PIN N°
Symbol
Name and Function
1
VFB
Voltage of Feedback
2
GND
Sistem Ground
3
SW
Output of the internal Power Swithch
4
VIN_SW
Power Supply for the MOSFET Switch
5
VIN_A
Power Supply for the Analog Circuit
6
N.C.
Not Connected
Symbol
Parameter
Value
Unit
VI_SW
Positive Power Supply Voltage
-0.3 to 16
V
VI_SW
Positive Power Supply Voltage
-0.3 to 16
V
SWITCH
Voltage
Max Voltage of output pin
-0.3 to 16
V
VFB
Feedback Voltage
2.5
V
IVFB
Common mode input voltage
±1
mA
TJ
Max Junction Temperature
150
°C
TSTG
Storage Temperature Range
-25 to 150
°C
TLEAD
Lead Temperature (Soldering) 10 Sec.
300
°C
Symbol
Parameter
DFN6
Unit
RTHJ-C
Thermal Resistance Junction-case
10
°C/W
RTHJ-A
Thermal Resistance Junction-ambient
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com