Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8811 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN8811
Description  Trio of Nomadik application processors bring multimedia to next-generation mobile devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8811 Datasheet(HTML) 1 Page - STMicroelectronics

  STN8811 Datasheet HTML 1Page - STMicroelectronics STN8811 Datasheet HTML 2Page - STMicroelectronics STN8811 Datasheet HTML 3Page - STMicroelectronics STN8811 Datasheet HTML 4Page - STMicroelectronics STN8811 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA BRIEF
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
February 2005
STn8810/STn8811/STn8812
Trio of Nomadik application processors
bring multimedia to next-generation mobile devices
Features
■ Smart video accelerator
● Real-time encoding or decoding up to VGA 30 fps
● Megapixel JPEG encode/decode
● Ultra low-power implementation
■ Smart audio accelerator
● Extensive digital-audio software library
● Ultra low-power implementation
■ Advanced power management
● Run, idle, doze and sleep modes
● CPU clock with programmable frequency
● Embedded 1.2 V logic supply switch
■ ARM926EJ 32-bit RISC CPU, up to 350 MHz
● 32-Kbyte instruction cache, 16-Kbyte data cache
● 3 instruction sets: 32-bit for high performance,
16-bit (Thumb) for efficient code density, byte Java
mode (Jazelle™) for direct execution of Java code
● Embedded medium trace module (ETM Medium+)
■ On-chip SRAM and ROM
■ Advanced security
● Comprehensive security framework
● Protected access to secured ROM and RAM
■ DDR/SDR-SDRAM memory controller
■ NOR Flash/NAND Flash/CompactFlash/CF+ controller
■ MultiMediaCard/SD Card/SDIO host controller
■ USB On-The-Go interface
■ Camera interfaces
■ Color LCD controller for STN or TFT panels or
display interface for display module
● 24-bpp true color
■ TV output
■ I/O peripherals
● UARTs
● IrDA (SIR/MIR/FIR) interface
● Synchronous serial port (SSP)
● Multichannel serial port (MSP)
● I²C multi-master/slave interface
● Modem interface
■ General-purpose I/Os
■ System and peripheral controller
● Multichannel DMA controller
● Interrupt controller
● Timers/counters
■ Programmable PLL for CPU and system clocks
■ Two crystal oscillators: 32 kHz and 13/19.2 MHz
■ JTAG IEEE 1149.1 boundary scan
■ TFBGA 12 x 12 mm, 288 + 36 balls, 0.5 mm pitch
GPIO
PLLs
Power
management
Icache
Dcache
JTAG/trace
ARM926EJ
DDR SDRAM
controller
NAND/NOR Flash
controller
Multichannel DMA
controller
eSRAM
buffer
Secured
RAM/ROM
Smart audio
accelerator
Smart video
accelerator
Watchdog
Timers
RTC
System
controller
Interrupt
controller
SSP
UART
MSP
SD/SDIO/MMC
FIrDA; I²C
TV output
Color LCD controller
Display interface
USB-OTG
Camera interfaces
Bridge
Bridge
Modem interface
Security toolbox
Rev. 1
1/5


Similar Part No. - STN8811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN8811A12 STMICROELECTRONICS-STN8811A12 Datasheet
348Kb / 18P
Mobile multimedia application processor
06-Jun-2007
STN8811B3A12HSBE STMICROELECTRONICS-STN8811B3A12HSBE Datasheet
348Kb / 18P
Mobile multimedia application processor
06-Jun-2007
More results

Similar Description - STN8811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN8815 STMICROELECTRONICS-STN8815 Datasheet
189Kb / 8P
Nomadik mobile multimedia application processor
09-Feb-2006
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
Multimedia Applications Processors
logo
Zoran Corporation
ZR34530 ZORAN-ZR34530_1 Datasheet
91Kb / 2P
Mobile Multimedia Application Processor
logo
STMicroelectronics
STN8815P14 STMICROELECTRONICS-STN8815P14 Datasheet
324Kb / 22P
Mobile multimedia application processor
28-Jan-2008
STN8810 STMICROELECTRONICS-STN8810_08 Datasheet
300Kb / 16P
Mobile multimedia application processor
08-Feb-2008
STN8811A12 STMICROELECTRONICS-STN8811A12 Datasheet
348Kb / 18P
Mobile multimedia application processor
06-Jun-2007
STN8815A09 STMICROELECTRONICS-STN8815A09 Datasheet
324Kb / 22P
Mobile multimedia application processor
28-Jan-2008
STN8815A12 STMICROELECTRONICS-STN8815A12 Datasheet
300Kb / 22P
Mobile multimedia application processor
28-Jan-2008
STN8820 STMICROELECTRONICS-STN8820 Datasheet
239Kb / 4P
Mobile multimedia application processor
08-Feb-2008
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
System PMIC for Mobile Application Processors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com