Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8812 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STN8812
Description  Trio of Nomadik application processors bring multimedia to next-generation mobile devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8812 Datasheet(HTML) 2 Page - STMicroelectronics

  STN8812 Datasheet HTML 1Page - STMicroelectronics STN8812 Datasheet HTML 2Page - STMicroelectronics STN8812 Datasheet HTML 3Page - STMicroelectronics STN8812 Datasheet HTML 4Page - STMicroelectronics STN8812 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STn8810/STn8811/STn8812
2/5
STn8810 overview
The convergence of computing, multimedia and mobile communications is well underway. Already the
familiar voice phone is being transformed into a personal device with a wide range of multimedia capabilities.
Soon mobile users will be able to benefit from a broad spectrum of multimedia features and services, to
include capturing, sending and receiving images, videos and music. To deliver such data-heavy, processing-
intensive services, portable handheld systems must be optimized for high performance but low power, space
and cost.
In response to this need, the STn8810 processor platform from STMicroelectronics is a culmination of
breakthroughs in video coding efficiency, inventive algorithms and chip implementation schemes. It will
enable smart phones, wireless PDAs, internet appliances and car entertainment systems to play back media
content, record pictures and video clips, and perform bidirectional audio-visual communication with other
systems in real time.
The STn8810 focuses on the essential features to meet the future needs of mobile products and services: a
high-performance multimedia capability coupled with low power consumption, and based on an open
platform strategy.
Figure 1: Typical system architecture using the STn8810
CompactFlash/CF+
NAND Flash
NOR Flash
SRAM
ROM
ATA device
Keypad
STn8810
Low-power
SDIO
MMC
Debug, trace
32 kHz
13/19.2 MHz
Reset
Audio
FM radio
GPS module
USB device
(e.g. 802.11xWLAN)
Bluetooth
Fast IrDA
GSM/GPRS/EDGE
xCDMA
modem chip set
RF
Camera
Touch screen
controller
LCD backlight
Energy
management
codecs
SDRAM
Mobile
DDR SDRAM
SDMC
MMCI
ETM9
JTAG
FSMC
GPIO
I²S
RTC
Clock, reset
UART
UART
I²C
I²C
FIrDA
USB-OTG
PWL
SSP
CLCD/
MDIF
Camera
interface
Fast synchronous
modem interface
TFT
Mono/color STN
smart panel
TV
output
SD-Card
IMAGIK
Touareg



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com