Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP02597 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02597
Description  SAW Filter 480MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02597 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02597 Datasheet HTML 1Page - Golledge Electronics Ltd MP02597 Datasheet HTML 2Page - Golledge Electronics Ltd MP02597 Datasheet HTML 3Page - Golledge Electronics Ltd MP02597 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 480MHz
Model: TB0606A
Part No: MP02597
REV. NO.: 1
TB0606A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. Operating Temperature: -40°C to 60°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Type.
Max.
Note
Center frequency, Fc
MHz
479
480
481
-
Insertion Loss at Fo, IL
dB
-
12
18
-
Passband Ripple
460~500 MHz
dB
-
0.7
1.0
-
Attenuation:(Reference level from Fc)
417~436.8
MHz
dBc
38
50
-
-
525~545
MHz
dBc
38
50
-
-
Temp. Coefficient
ppm/°C
-
-94
-
-
Load Impedance
Ohm
-
50
-
-


Similar Part No. - MP02597

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02506 GOLLEDGE-MP02506 Datasheet
83Kb / 6P
SAW Filter 455MHz
MP02508 GOLLEDGE-MP02508 Datasheet
111Kb / 6P
SAW Filter 1970MHz
MP02535 GOLLEDGE-MP02535 Datasheet
81Kb / 6P
SAW Filter 902.5MHz
MP02548 GOLLEDGE-MP02548 Datasheet
65Kb / 6P
SAW Filter 228.1MHz
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
More results

Similar Description - MP02597

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0421A TAI-SAW-TA0421A Datasheet
419Kb / 5P
SAW Filter 480MHz SMD 5.0횞5.0mm
TB480E3 TAI-SAW-TB480E3 Datasheet
179Kb / 4P
SAW Filter 480MHz TO-39
TB0561A TAI-SAW-TB0561A Datasheet
288Kb / 6P
480MHz IF SAW Filter (BW=9 MHz)
TB0590A TAI-SAW-TB0590A Datasheet
284Kb / 7P
480MHz IF SAW Filter (BW=36 MHz)
TB0606A TAI-SAW-TB0606A Datasheet
303Kb / 6P
IF SAW Filter 480MHz
TB0714A TAI-SAW-TB0714A Datasheet
397Kb / 7P
SAW Filter 480MHz (SMD 5.0횞5.0 mm)
TB0729A TAI-SAW-TB0729A Datasheet
381Kb / 7P
SAW Filter 480MHz (SMD 5.0횞5.0 mm)
logo
Golledge Electronics Lt...
MA09805 GOLLEDGE-MA09805 Datasheet
92Kb / 4P
SAW Filter 480MHz
MA08609 GOLLEDGE-MA08609 Datasheet
125Kb / 6P
SAW Filter 480MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB480E2 TAI-SAW-TB480E2 Datasheet
707Kb / 4P
SAW Filter 480MHz for Satellite Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com