Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB40N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB40N20
Description  N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STB40N20 Datasheet HTML 1Page - STMicroelectronics STB40N20 Datasheet HTML 2Page - STMicroelectronics STB40N20 Datasheet HTML 3Page - STMicroelectronics STB40N20 Datasheet HTML 4Page - STMicroelectronics STB40N20 Datasheet HTML 5Page - STMicroelectronics STB40N20 Datasheet HTML 6Page - STMicroelectronics STB40N20 Datasheet HTML 7Page - STMicroelectronics STB40N20 Datasheet HTML 8Page - STMicroelectronics STB40N20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
June 2005
STP40N20
STB40N20 - STW40N20
N-CHANNEL 200V - 0.038
Ω - 40A TO-220/TO-247/D2PAK
LOW GATE CHARGE STripFET™ MOSFET
Table 1: General Features
■
TYPICAL RDS(on) = 0.038 Ω
■
GATE CHARGE MINIMIZED
■
VERY LOW INTRINSIC CAPACITANCES
■
VERY GOOD MANUFACTURING
REPEATIBILITY
■
EXCELLENT FIGURE OF MERIT (RDS*Qg)
■
100% AVALANCHE TESTED
DESCRIPTION
This MOSFET series realized with STMicroelec-
tronics unique STripFET process has specifically
been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters.
APPLICATIONS
■
HIGH CURRENT, HIGH SPEED SWITCHING
■
UPS
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STP40N20
STW40N20
STB40N20
200 V
200 V
200 V
< 0.045
Ω
< 0.045
Ω
< 0.045
Ω
40 A
40 A
40 A
160 W
160 W
160 W
1
2
3
1
2
3
1
3
TO-220
TO-247
D2PAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP40N20
P40N20
TO-220
TUBE
STW40N20
W40N20
TO-247
TUBE
STB40N20
B40N20
D2PAK
TAPE & REEL
Rev. 3


Similar Part No. - STB40N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB40N20 STMICROELECTRONICS-STB40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
logo
Inchange Semiconductor ...
STB40N20 ISC-STB40N20 Datasheet
388Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB40N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NF10 STMICROELECTRONICS-STB30NF10 Datasheet
455Kb / 11P
N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
May-2002
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
21-Mar-2007
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com