Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T93 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T93
Description  3/8 Square Multi-Turn Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93 Datasheet(HTML) 2 Page - Vishay Siliconix

  T93 Datasheet HTML 1Page - Vishay Siliconix T93 Datasheet HTML 2Page - Vishay Siliconix T93 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51026
74
Revision: 05-Aug-04
T93
Vishay Sfernice
3/8” Square Multi-Turn Cermet Trimmers
ELECTRICAL SPECIFICATIONS
Resistive Element
cermet
Electrical Travel
19 turns ± 2
Resistance Range
10
W to 2.2MW
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
± 10%
On Request
± 5%
Power Rating
Linear
0.5W at + 70°C
Logarithmic
not applicable
Temperature Coefficient
See Standard Resistance Element Table
Limiting Element Voltage (Linear Law)
250V
Contact Resistance Variation
2% Rn or 2
W
End Resistance (Typical)
1
W
Dielectric Strength (RMS)
1000V
Insulation Resistance (500VDC)
106M
W
MECHANICAL SPECIFICATIONS
Mechanical Travel
22 turns ± 5
Operating Torque (max. Ncm)
1.5
End Stop Torque
clutch action
Unit Weight (max. g)
1.2
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
– 55°C to + 155°C
Climatic Category
55 / 125 / 56
Sealing
fully sealed
container IP67
POWER RATING CHART
0
50
100
155
0.5
0
AMBIENT TEMPERATURE IN DEGREES CELSIUS
85
70
25
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
D
D
D
DRT
RT
(%)
D
D
D
DR1-2
R1-2
(%)
Load Life
1000 hours at rated power
90’/30’ - ambient temp. 70°C
± 1%
± 2%
Contact res. variation: < 1% Rn
Climatic Sequence
Phase A dry heat 125°C - 30% Pr
Phase B damp heat
Phase C cold – 55°C
Phase D damp heat 5 cycles
± 0.5%
± 1%
Long Term Damp Heat
56 days
± 0.5%
± 1%
Dielectric strength: 1000V RMS
Insulation resistance: > 104 M
W
Rapid Temperature Change
5 cycles
– 55°C at + 125°C
± 0.5%
DV1-2
V1-3
£ ± 1%
Shock
50 g at 11m secs
3 successive shocks
in 3 directions
± 0.1%
± 0.2%
Vibration
10-55 Hz
0.75mm or 10 g
during 6 hours
± 0.1%
DV1-2
V1-3
£ ± 0.2%
Rotational Life
200 cycles
± 2%
Contact res. variation: < 1% Rn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com