Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7419 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7419
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7419 Datasheet HTML 13Page - STMicroelectronics TDA7419 Datasheet HTML 14Page - STMicroelectronics TDA7419 Datasheet HTML 15Page - STMicroelectronics TDA7419 Datasheet HTML 16Page - STMicroelectronics TDA7419 Datasheet HTML 17Page - STMicroelectronics TDA7419 Datasheet HTML 18Page - STMicroelectronics TDA7419 Datasheet HTML 19Page - STMicroelectronics TDA7419 Datasheet HTML 20Page - STMicroelectronics TDA7419 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17/30
TDA7419
5.10 Spectrum Analyzer
A fully integrated seven-band spectrum analyzer with programmable quality factor is present. The spec-
trum analyzer consists of seven band pass filters with rectifier and sample capacitor that stores the max-
imum peak signal level since the last read cycle. This peak signal level can be read by a microprocessor
at the SAout-pin. To allow easy interfacing to an analog port of the microprocessor, the output voltage at
this pin is referred to device ground.
The microprocessor starts a read cycle with the negative going clock edge at the SAclk input. On the fol-
lowing positive clock edges, the peak signal level for the band pass filters is subsequently switched to
SAout. Each analog output data is valid after the time tSadel. A reset of the sample capacitors is induced
whenever SAclk remains high for the time tintres. Note that a proper reset requires the clock signal SAclk
to be held at high potential. Figure 20 shows the block diagram and figure 21 illustrates the read cycle
timing of the spectrum analyzer.
Figure 20. Spectrum analyzer block diagram
Figure 21. Timing of the spectrum analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com