Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803452 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803452
Description  A wide range of marker sizes and colors are available for custom designs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803452 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803452 Datasheet HTML 1Page - PHOENIX CONTACT 0803452 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/0803452
09/06/2018   Page 1 / 2
Label - EML (20XE)R - 0803452
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, Roll, white, unlabeled, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, lettering field size: continuous x 20
mm
Why buy this product
 The EML … self-adhesive device markers are particularly well suited for marking various types of equipment in control, system, and control
cabinet manufacturing.
 A wide range of marker sizes and colors are available for custom designs
 When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences. The marking is even suitable for
use under harsh industrial conditions.
 The EML ... materials are UL-listed
 Labeling service: Phoenix Contact can custom-label all EM ... markers in accordance with your requirements
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626087894
Technical data
Dimensions
Length (b)
40 m
Width (a)
20 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
General
Color
white
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0803452

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803450 PHOENIX-0803450 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8,LGS:1-8
0803451 PHOENIX-0803451 Datasheet
48Kb / 2P
Zack marker strip - ZBF 6/9,2 S8,LGS:A-H
0803458 PHOENIX-0803458 Datasheet
182Kb / 5P
EMT (23X109)R TQ - Insert label
0803459 PHOENIX-0803459 Datasheet
182Kb / 5P
EMT (23X109)R YE - Insert label
More results

Similar Description - 0803452

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
Largest variety of colors materials and sizes in the industry
logo
Omron Electronics LLC
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
Wide Range of Contact Forms, Sizes and Package Types
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
custom designs available
logo
Murata Manufacturing Co...
CSTNE14M7V53C000R0 MURATA-CSTNE14M7V53C000R0 Datasheet
185Kb / 2P
High reliability and available for a wide temperature range
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
A wide selection of sizes is available
logo
Silicon Laboratories
AN958 SILABS-AN958 Datasheet
582Kb / 19P
Debugging and Programming Interfaces for Custom Designs
Rev. 0.7
logo
Linx Technologies
ANT-418-WRT-RPS LINX-ANT-418-WRT-RPS Datasheet
406Kb / 2P
connectors and custom colors are available for volume OEM customers.
12/9/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com