Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS821 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TGS821
Description  SPECIAL SENSOR FOR HYDROGEN GAS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TGS821 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TGS821 Datasheet HTML 1Page - List of Unclassifed Manufacturers TGS821 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Structure and Dimensions:
1 Sensing Element:
SnO2 is sintered to form a thick film on
the surface of an alumina ceramic tube
which contains an internal heater.
2 Sensor Base:
Alumina ceramic
3 Flame Arrestor:
100 mesh SUS 316 double gauze
Item
Symbol
Rated
Values
Remarks
Heater
Voltage
VH
5.0±0.2V
AC or DC
Circuit
Voltage
VC
Max. 24V
AC or DC
*PS 15mW
Load
Resistance
RL
Variable
*PS 15mW
Standard Circuit Conditions:
VH
VC
RL
Pin Connection and Basic Measuring Circuit:
The numbers shown around the sensor symbol in the circuit diagram at the
right correspond with the pin numbers shown in the sensor's structure drawing
(above). When the sensor is connected as shown in the basic circuit, output
across the Load Resistor (VRL) increases as the sensor's resistance (Rs) de-
creases, depending on gas concentration.
Sensor Resistance (Rs) is calculated by
the following formula:
Rs = (
-1) x RL
VC
VRL
Power dissipation across sensor electrodes
(Ps) is calculated by the following formula:
Ps =
2
VC x Rs
2
(Rs + RL)
Standard Test Conditions:
TGS 821 complies with the above electrical characteristics
when the sensor is tested in standard conditions as speci-
fied below:
Test Gas Conditions:
20
°±2°C, 65±5%R.H.
Circuit Conditions:
VC = 10.0
±0.1V (AC or DC),
VH = 5.0
±0.05V (AC or DC),
RL = 4.0k
Ω±1%
Preheating period before testing: More than 7 days
Electrical Characteristics:
Rs
RH
PH
Basic Measuring Circuit:
REV: 9/99
α
Item
Symbol
Condition
Specification
Sensor
Resistance
Hydrogen at 100ppm/Air
1k ~ 10k
Change Ratio of
Sensor Resistance
Log[Rs(H2 100ppm)/Rs(H2 1000ppm)]
Log (1000ppm / 100ppm)
0.6~1.20
Heater
Resistance
Room temperature
38.0 ± 3.0
Heater Power
Consumption
VH=5.0V
660 ± 55 mW
FIGARO USA, INC.
3703 West Lake Ave. Suite 203
Glenview, Illinois 60025
Phone:
(847)-832-1701
Fax:
(847)-832-1705
email: figarousa@figarosensor.com
For information on warranty, please refer to Standard Terms and
Conditions of Sale of Figaro USA Inc.
um : mm
19.5
± 0.5
1.0
± 0.05
13.5
+ 0.3
- 0.2
9.5
± 0.3
6
3
4
2
5
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com