Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1302BIPVUATR Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1302BIPVUATR
Description  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BIPVUATR Datasheet(HTML) 3 Page - Microchip Technology

  TC1302BIPVUATR Datasheet HTML 1Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 2Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 3Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 4Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 5Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 6Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 7Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 8Page - Microchip Technology TC1302BIPVUATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21333B-page 3
TC1302A/B
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD...................................................................................6.5V
Maximum Voltage on Any Pin ...... (VSS – 0.3) to (VIN + 0.3)V
Power Dissipation ..........................Internally Limited (Note 7)
Storage temperature .....................................-65°C to +150°C
Maximum Junction Temperature, TJ ........................... +150°C
Continuous Operating Temperature Range ..-40°C to +125°C
ESD protection on all pins, HBM, MM
..................... 4 kV, 400V
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF,
COUT1 = COUT2 = 1 µF, CBYPASS = 10 nF, SHDN > VIH, TA = +25°C.
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
—
6.0
V
Note 1
Maximum Output Current
IOUT1Max
300
——
mA
VIN = 2.7V to 6.0V (Note 1)
Maximum Output Current
IOUT2Max
150
——
mA
VIN = 2.7V to 6.0V (Note 1)
Output Voltage Tolerance
(VOUT1 and VOUT2)
VOUT
VR – 2.5 VR±0.5 VR + 2.5
%
Note 2
Temperature Coefficient
(VOUT1 and VOUT2)
TCVOUT
—
25
—
ppm/°C
Note 3
Line Regulation
(VOUT1 and VOUT2)
ΔVOUT/ΔVIN
—0.02
0.2
%/V
(VR + 1V) ≤ VIN ≤ 6V
Load Regulation, VOUT ≥ 2.5V
(VOUT1 and VOUT2)
ΔVOUT/
VOUT
-1
0.1
+1
%IOUTX = 0.1 mA to IOUTMax, (Note 4)
Load Regulation, VOUT < 2.5V
(VOUT1 and VOUT2)
ΔVOUT/
VOUT
-1.5
0.1
+1.5
%IOUTX = 0.1 mA to IOUTMax, (Note 4)
Thermal Regulation
ΔVOUT/ΔPD
—0.04
—
%/W
Note 5
Dropout Voltage (Note 6)
VOUT1 > 2.7V
VIN – VOUT
—
104
180
mV
IOUT1 = 300 mA
VOUT2 > 2.6V
VIN – VOUT
—
150
250
mV
IOUT2 = 150 mA
Supply Current
TC1302A
IIN(A)
—
103
180
µA
SHDN2 = VIN, IOUT1 = IOUT2 = 0 mA
TC1302B
IIN(B)
—114
180
µA
SHDN1 = SHDN2 = VIN,
IOUT1 = IOUT2 = 0 mA
Note
1:
The minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ VR + VDROPOUT.
2:
VR is defined as the higher of the two regulator nominal output voltages (VOUT1 or VOUT2).
3:
TCVOUT = ((VOUTmax - VOUTmin) * 10
6)/(V
OUT * ΔT).
4:
Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for t = 10 msec.
6:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its
value measured at a 1V differential.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com