Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V902 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS3V902
Description  3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V902 Datasheet(HTML) 2 Page - STMicroelectronics

  TS3V902 Datasheet HTML 1Page - STMicroelectronics TS3V902 Datasheet HTML 2Page - STMicroelectronics TS3V902 Datasheet HTML 3Page - STMicroelectronics TS3V902 Datasheet HTML 4Page - STMicroelectronics TS3V902 Datasheet HTML 5Page - STMicroelectronics TS3V902 Datasheet HTML 6Page - STMicroelectronics TS3V902 Datasheet HTML 7Page - STMicroelectronics TS3V902 Datasheet HTML 8Page - STMicroelectronics TS3V902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage - (note 1)
18
V
Vid
Differential Input Voltage - (note 2)
±18
V
Vi
Input Voltage - (note 3)
-0.3 to 18
V
Iin
Current on Inputs
±50
mA
Io
Current on Outputs
±130
mA
Toper
Operating Free Air Temperature Range
TS3V902I/AI
-40 to +125
oC
Tstg
Storage Temperature
-65 to +150
oC
Notes :
1. All voltage values, except differential voltage are with respect to network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of input and output voltages must never exceed VCC
+ +0.3V.
Non-inve rting
Input
Inve rting
Input
Interna l
Vref
Output
VCC
VCC
S ta ndby
Sta ndby
S ta ndby
Sta ndby
SCHEMATIC DIAGRAM (1/2 TS3V902)
VCC
VCC
1/2
TS 3V902
HIGH IMPEDANCE OUTP UT IN STANDBY MODE
1
Vsby
VCC
VCC
S TBY OFF
S TBY ON
STANDBY POSITION
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.7 to 16
V
Vicm
Common Mode Input Voltage Range
VCC
- -0.2 to VCC+ +0.2
V
TS3V902
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com