Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V902I Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3V902I
Description  3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V902I Datasheet(HTML) 3 Page - STMicroelectronics

  TS3V902I Datasheet HTML 1Page - STMicroelectronics TS3V902I Datasheet HTML 2Page - STMicroelectronics TS3V902I Datasheet HTML 3Page - STMicroelectronics TS3V902I Datasheet HTML 4Page - STMicroelectronics TS3V902I Datasheet HTML 5Page - STMicroelectronics TS3V902I Datasheet HTML 6Page - STMicroelectronics TS3V902I Datasheet HTML 7Page - STMicroelectronics TS3V902I Datasheet HTML 8Page - STMicroelectronics TS3V902I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ =3V, VCC- =0V, RL,CL connectedto VCC/2, Standby OFF, Tamb =25oC
(unless otherwise specified)
Symbol
Parameter
TS3V902I/AI
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (Vic =Vo =VCC/2)
TS3V902
TS3V902A
Tmin.
≤ Tamb ≤ Tmax.
TS3V902
TS3V902A
10
5
12
7
mV
DVio
Input Offset Voltage Drift
5
µV/oC
Iio
Input Offset Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
100
200
pA
Iib
Input Bias Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
150
300
pA
ICC
Supply Current (per amplifier, AVCL = 1, no load)
Tmin.
≤ Tamb ≤ Tmax.
200
300
400
µA
CMR
Common Mode Rejection Ratio
Vic = 0 to 3V, Vo = 1.5V
60
dB
SVR
Supply Voltage Rejection Ratio (VCC
+ = 2.7 to 3.3V, VO =VCC /2)
80
dB
Avd
Large Signal Voltage Gain (RL = 10k
Ω,VO = 1.2V to 1.8V)
Tmin.
≤ Tamb ≤ Tmax.
3
2
10
V/mV
VOH
High Level Output Voltage (Vid = 1V)
RL = 10k
Ω
RL = 600
Ω
RL = 100
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
Ω
RL = 600
Ω
2.9
2.2
2.8
2.1
2.97
2.7
2
V
VOL
Low Level Output Voltage (Vid = -1V
RL = 10k
Ω
RL = 600
Ω
RL = 100
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
Ω
RL = 600
Ω
30
250
900
100
600
150
900
mV
Io
Output Short Circuit Current (Vid =
±1V)
Source
(Vo =VCC
−
)
Sink
(Vo =VCC
+)
40
40
mA
GBP
Gain Bandwidth Product
(AVCL = 100, RL = 10k
Ω,CL = 100pF, f = 100kHz)
0.7
MHz
SR
Slew Rate (AVCL =1, RL = 10k
Ω,CL = 100pF, Vi = 1.3V to 1.7V)
0.5
V/
µs
∅m
Phase Margin
30
Degrees
en
Equivalent Input Noise Voltage (Rs = 100
Ω, f = 1kHz)
30
nV
√
Hz
VO1/VO2
Channel Separation (f = 1kHz)
120
dB
Note 1 : Maximum values including unavoidable inaccuracies of the industrial test.
STANDBY MODE
VCC
+ =3V, VCC- =0V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
TS3V902I/AI
Unit
Min.
Typ.
Max.
VinSBY/ON
Pin 1 Threshold Voltage for STANDBY ON
1.2
V
VinSBY/OFF
Pin 1 Threshold Voltage for STANDBY OFF
1.2
V
ICC SBY
Total Consumption in Standby Position (STANDBY ON)
0.5
µA
TS3V902
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com