Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V902AI Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS3V902AI
Description  3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V902AI Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS3V902AI Datasheet HTML 3Page - STMicroelectronics TS3V902AI Datasheet HTML 4Page - STMicroelectronics TS3V902AI Datasheet HTML 5Page - STMicroelectronics TS3V902AI Datasheet HTML 6Page - STMicroelectronics TS3V902AI Datasheet HTML 7Page - STMicroelectronics TS3V902AI Datasheet HTML 8Page - STMicroelectronics TS3V902AI Datasheet HTML 9Page - STMicroelectronics TS3V902AI Datasheet HTML 10Page - STMicroelectronics TS3V902AI Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TEMPERATURE
RANGE
3
V
0
9
A
I
N
RAIL TO RAIL
OP AMPs
2
-40 Cto +125 C
OFFS ET VOLTAGE
S ELECTION
”Nothing”
A
10mV ma x.
5mV ma x.
12 DUAL- 200µA/amp - 0.7MHz
DUAL - 200
µA/amp - 0.7MHz
+ S TANDBY position with
High Impe da nce Outputs
02
I
P ACKAGES
DIP
S0
S 0 Ta pe & Ree l
N
D
DT
T
S
3V
FAMILY
ORDERING INFORMATION
150
100
50
0
10
100
1000
10000
FREQUENCY (Hz)
=10V
=25 C
Tamb
VCC
= 100
Ω
R S
Sta ndby OFF
Figure 8 : Input Voltage Noise versus Frequency
SUP PLY VOLTAGE, V
(V)
CC
04
8
12
16
60
50
40
30
20
T= 25 C
R
= 600
Ω
C = 100 pF
Sta ndby OFF
amb
L
L
Figure 7b : Phase Margin versus Supply Voltage
STANDBY APPLICATION
The two operators of the TS3V902 are both put on STANDBY.
In this configuration (standby ON) :
.
The total consumption of the circuit is considerably reduced down to 0.5
µA (VCC = 3V).
This standby consumption versus VCC curve is given figure 1b.
.
The both outputs are in high impedance state.
No output current can then be sourced or sinked by the device.
The standby pin 1 should never stay unconnected.
.
The ”standby OFF” state, is reached when the pin 1 voltage is higher than Vin SBY/OFF.
.
The ”standby ON” state is assured by a pin 1 voltage lower than Vin SBY/ON.
(see electrical characteristics)
TS3V902
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com