Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7604 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7604
Description  12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7604 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7604 Datasheet HTML 9Page - Analog Devices ADV7604 Datasheet HTML 10Page - Analog Devices ADV7604 Datasheet HTML 11Page - Analog Devices ADV7604 Datasheet HTML 12Page - Analog Devices ADV7604 Datasheet HTML 13Page - Analog Devices ADV7604 Datasheet HTML 14Page - Analog Devices ADV7604 Datasheet HTML 15Page - Analog Devices ADV7604 Datasheet HTML 16Page - Analog Devices ADV7604 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADV7604
Rev. D | Page 13 of 20
Pin No.
Mnemonic
Type
Description
H15
XTALP
Miscellaneous
analog
Input pin for the 28.63636 MHz crystal or can be overdriven by an external 1.8 V
28.63636 MHz clock oscillator source to clock the ADV7604. The following
crystal frequencies are also supported: 24.576 MHz and 27.00 MHz.
H16
AVDD
Power
Analog Supply Voltage (1.8 V).
H17
REFN
Misc analog
Internal Voltage Reference Output.
H18
REFP
Misc analog
Internal Voltage Reference Output.
J1
DGND
Ground
Ground.
J2
DGND
Ground
Ground.
J3
MCLKOUT
Digital output
Audio Master Clock Output.
J4
SPDIF/DSD0A/DST
Digital output
Multipurpose Pin. S/PDIF Digital Audio Output.
First DSD Data Channel.
DST Stream.
J7
DVDD
Power
Digital Supply Voltage (1.8 V).
J8
DGND
Ground
Ground.
J9
DGND
Ground
Ground.
J10
DGND
Ground
Ground.
J11
AGND
Ground
Ground.
J12
AGND
Ground
Ground.
J15
XTALN
Miscellaneous
analog
This pin should be connected to the 28.63636 MHz crystal or left as a no
connect if an external 1.8 V 28.63636 MHz clock oscillator source is used to clock
the ADV7604. In crystal mode, the crystal must be a fundamental crystal. The
following crystal frequencies are also supported: 24.576 MHz and 27.00 MHz.
J16
AVDD
Power
Analog Supply Voltage (1.8 V).
J17
AGND
Ground
Ground.
J18
AGND
Ground
Ground.
K1
P4
Digital video output
Video Pixel Output Port.
K2
P5
Digital video output
Video Pixel Output Port.
K3
LRCLK/DSD2B/DST_FF Digital output
Dual Purpose Pin. Data Output Clock. Left and right audio channels.
Sixth DSD Data Channel.
DST Frame.
K4
SCLK/DST_CLK
Digital output
Dual Purpose Pin. Audio Serial Clock Output.
DST Clock.
K7
DVDD
Power
Digital Supply Voltage (1.8 V).
K8
DVDD
Power
Digital Supply Voltage (1.8 V).
K9
DGND
Ground
Ground.
K10
DGND
Ground
Ground.
K11
AGND
Ground
Ground.
K12
AVDD
Power
Analog Supply Voltage (1.8 V).
K15
AVDD
Power
Analog Supply Voltage (1.8 V).
K16
AVDD
Power
Analog Supply Voltage (1.8 V).
K17
AIN11
Analog video input
Analog Video Input Channel.
K18
AIN12
Analog video input
Analog Video Input Channel.
L1
P6
Digital video output
Video Pixel Output Port.
L2
P7
Digital video output
Video Pixel Output Port.
L3
I2S3/DSD2A/HBR3
Digital output
Multipurpose Pin. I2S Audio (Channel 7 and Channel 8).
Fifth DSD Data Channel.
Fourth Block of HBR Stream.
L4
I2S2/DSD1B/HBR2
Digital output
Multipurpose Pin. I2S Audio (Channel 5 and Channel 6).
Fourth DSD Data Channel.
Third Block of HBR Stream.
L7
DVDD
Power
Digital Supply Voltage (1.8 V).
L8
DVDD
Power
Digital Supply Voltage (1.8 V).
L9
DGND
Ground
Ground.
L10
DGND
Ground
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com