Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7613 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7613
Description  Low Power HDMI to LVDS Display Bridge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613 Datasheet(HTML) 3 Page - Analog Devices

  ADV7613 Datasheet HTML 1Page - Analog Devices ADV7613 Datasheet HTML 2Page - Analog Devices ADV7613 Datasheet HTML 3Page - Analog Devices ADV7613 Datasheet HTML 4Page - Analog Devices ADV7613 Datasheet HTML 5Page - Analog Devices ADV7613 Datasheet HTML 6Page - Analog Devices ADV7613 Datasheet HTML 7Page - Analog Devices ADV7613 Datasheet HTML 8Page - Analog Devices ADV7613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADV7613
Rev. B | Page 3 of 13
GENERAL DESCRIPTION
The ADV7613 is a high quality, low power, single-input HDMI
to LVDS display bridge. It incorporates an HDMI capable
receiver that supports up to 1080p, 60 Hz.
The HDMI port has dedicated 5 V detect and hot plug assert
pins. The HDMI receiver also includes an integrated equalizer
that ensures the robust operation of the interface with long
cables.
The ADV7613 has an audio output port for the audio data
extracted from the HDMI stream. HDMI audio formats include
super audio CD (SACD) via Direct Stream Digital® (DSD) and
HBR. The HDMI receiver has an advanced mute controller that
prevents audible extraneous noise in the audio output.
The ADV7613 contains a component processor (CP) that
processes the video signals from the HDMI receiver. It provides
features such as contrast, brightness and saturation adjustments,
STDI detection block, free run, and synchronization alignment
controls.
The LVDS encoder can package data into 6-bit or 8-bit non-dc
balanced OpenLDI mapping or 8-bit VESA mapping. The
ADV7613 can output 24-bit OpenLDI data via dual-channel
LVDS transmitters, up to a maximum resolution of 1080p,
60 Hz received at the input. The maximum output clock
supported by a single LVDS output port is 92 MHz.
The ADV7613 is offered in an automotive grade and a con-
sumer grade. The operating temperature range is −40°C to
+85°C.
Fabricated in an advanced CMOS process, the ADV7613 is
provided in a 9 mm × 9 mm, 100-ball CSP_BGA, RoHS-
compliant package.
DETAILED FUNCTIONAL BLOCK DIAGRAM
Figure 2. Detailed Functional Block Diagram
DPLL
CEC
CONTROLLER
5V DETECT AND
HPD CONTROLLER
EDID REPEATER
CONTROLLER
PLL
EQUALIZER
CONTROL
INTERFACE
I2C
INTERRUPT
CONTROLLER
SAMPLER
AP0
AP1
AP2
AP3
AP4
AP5
SCLK
MCLKOUT
INT
ADV7613
AUDIO
PROCESSOR
PACKET
PROCESSOR
PACKET/INFOFRAME
MEMORY
HDCP
ENGINE
HDCP
KEYS
COMPONENT
PROCESSOR
BACK
‐END
COLOR SPACE
CONVERSION
HDMI
PROCESSOR
DATA
PREPROCESSOR
AND COLOR SPACE
CONVERSION
ABC
XTALP
XTALN
SCL
SDA
CS
CEC
RXA_5V
HPA_A
DDCA_SDA
DDCA_SCL
RXA_C±
RXA_0±
RXA_1±
RXA_2±
LTX2_0+
LTX2_0–
LTX2_1+
LTX2_1–
LTX2_2+
LTX2_2–
LTX2_3+
LTX2_3–
LTX2_C+
LTX2_C–
LTX1_0+
LTX1_0–
LTX1_1+
LTX1_1–
LTX1_2+
LTX1_2–
LTX1_3+
LTX1_3–
LTX1_C+
LTX1_C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com