Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC37M31 Datasheet(PDF) 2 Page - NEC

Part # UPC37M31
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC37M31 Datasheet(HTML) 2 Page - NEC

  UPC37M31 Datasheet HTML 1Page - NEC UPC37M31 Datasheet HTML 2Page - NEC UPC37M31 Datasheet HTML 3Page - NEC UPC37M31 Datasheet HTML 4Page - NEC UPC37M31 Datasheet HTML 5Page - NEC UPC37M31 Datasheet HTML 6Page - NEC UPC37M31 Datasheet HTML 7Page - NEC UPC37M31 Datasheet HTML 8Page - NEC UPC37M31 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet G16444EJ1V0DS
2
µµµµPC37M31,37M32
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
−0.3 to +8
V
Internal Power Dissipation (TC = 25
°C)
PT
10
Note
W
Operating Ambient Temperature
TA
−40 to +85
°C
Operating Junction Temperature
TJ
−40 to +150
°C
Storage Temperature
Tstg
−55 to +150
°C
Thermal Resistance (junction to case)
Rth (J-C)
12.5
°C/W
Thermal Resistance (junction to ambient)
Rth (J-A)
125
°C/W
Note Internally limited. When the operating junction temperature rises over 150
°C, the internal circuit shuts down
the output voltage.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
INPUT
CIN
PC37M31, 37M32
OUTPUT2
COUT1
D12
D11
D21
D22
OUTPUT1
+
COUT2
+
µ
CIN: 0.1
µF or higher. Set this value according to the length of the line between the regulator and INPUT pin. Be sure
to connect CIN to prevent parasitic oscillation. Use of a film capacitor or other capacitor with excellent voltage
and temperature characteristics is recommended. If using a laminated ceramic capacitor, it is necessary to
ensure that CIN is 0.1
µF or higher for the voltage and temperature range to be used.
COUT1, COUT2: 10
µF or higher. Be sure to connect COUT1 and COUT2 to prevent oscillation and improve excessive load
regulation. Place CIN, COUT1 and COUT2 as close as possible to the IC pins (within 2 cm). Also, use an
electrolytic capacitor with low impedance characteristics if considering use at sub-zero temperatures.
D11, D12: If the OUTPUT1 pin or OUTPUT2 pin has a higher voltage than the INPUT pin, connect a diode.
D21, D22: If the OUTPUT1 pin or OUTPUT2 pin has a lower voltage than the GND pin, connect a Schottky barrier
diode.
Caution Make sure that no voltage is applied to the OUTPUT1
pin or OUTPUT2 pin from external.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com