Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1668C Datasheet(PDF) 2 Page - NEC

Part # UPC1668C
Description  HIGH ISOLATION SILICON MMIC IF AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1668C Datasheet(HTML) 2 Page - NEC

  UPC1668C Datasheet HTML 1Page - NEC UPC1668C Datasheet HTML 2Page - NEC UPC1668C Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Power Supply Voltage
V
12
PT
Total Power Dissipation2
mW
750
PIN
Input Power
dBm
+15
TOP
Operating Temperature
°C
-45 to +85
TSTG
Storage Temperature
°C
-55 to +150
CIRCUIT CURRENT, INPUT
TERMINAL VOLTAGE, OUTPUT
TERMINAL VOLTAGE, BYPASS TERMINAL
VOLTAGE vs. SUPPLY VOLTAGE
Supply Voltage, VCC (V)
OUTPUT POWER vs. INPUT POWER
THIRD ORDER INTERMODULATION
vs. OUTPUT POWER
SSB Output Power, POUT (dBm)
20
10
0
-10
-20
-10
0
10
VCC = 10 V
f = 70 MHz
f = 150 MHz
f = 200 MHz
Input Power, PIN (dBm)
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TYPICAL PERFORMANCE CURVES TA = 25°C)
15
10
5
10
50
100
500
1000
VCC = 12 V
VCC = 10 V
VCC = 8 V
Frequency, f (MHz)
NOISE FIGURE vs. FREQUENCY
70
60
50
40
30
20
10
0
0
5
10
15
7
6
5
4
2
1
0
3
ICC
VIN
VOUT
VBYP
-60
-40
-20
0
-10
0
10
15
f1 = 70 MHz
f2 = 72 MHz
∆f = 2 MHz
VCC = 12 V
VCC = 10 V
VCC = 8 V
UPC1668C
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. At TA = +85
°C.
0
-10
-20
-30
-40
10
50
100
500
1000
VCC = 10 V
|S11|
|S22|
Frequency, f (MHz)
UPC1668C
INPUT RETURN LOSS, OUTPUT
RETURN LOSS vs. FREQUENCY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com