Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8591
Description  24 BIT, 192 KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8591 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
WM8591
Product Preview
w
PP Rev 1.0 May 2005
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DI
Digital Input
Serial interface data
2
CL
Digital Input
Serial interface clock
3
ZFLAGR
Digital Output
(open drain)
Right channel zero flag output (external pull-up required)
4
ZFLAGL
Digital Output
(open drain)
Left channel zero flag output (external pull-up required)
5
ADCLRC
Digital Input/Output
ADC left/right word clock
6
ADCBCLK
Digital Input/Output
ADC audio interface bit clock
7
ADCMCLK
Digital Input
Master ADC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
8
DOUT
Digital Output
ADC data output
9
DACLRC
Digital Input/Output
DAC left/right word clock
10
DACBCLK
Digital Input/Output
DAC audio interface bit clock
11
DACMCLK
Digital Input
Master DAC clock; 256, 384, 512, 768fs or 1152fs (fs = word clock
frequency)
12
DIN
Digital Input
DAC data input
13
DVDD
Supply
Digital positive supply
14
DGND
Supply
Digital negative supply
15
VOUTRP
Analogue Output
DAC right channel positive output
16
VOUTRN
Analogue Output
DAC right channel negative output
17
VOUTLP
Analogue Output
DAC left channel positive output
18
VOUTLN
Analogue Output
DAC left channel negative output
19
AGND
Supply
Analogue negative supply and substrate connection
20
REFN
Analogue Input
Negative reference input
21
VMID
Analogue Output
Midrail divider decoupling pin; must be externally decoupled
22
REFP
Analogue Input
Positive reference input
23
AVDD
Supply
Analogue positive supply
24
NC
No Connection
25
AINL
Analogue Input
Left channel input
26
NC
No Connection
27
AINR
Analogue Input
Right channel input
28
CE
Digital Input
2-wire address select
Notes:
1.
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com