Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718EDS/R Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8718EDS/R
Description  24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718EDS/R Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8718EDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8718EDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8718EDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8718EDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8718EDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8718EDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8718EDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8718EDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8718EDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
WM8718
Production Data
w
PD Rev 4.1 March 2004
14
REGISTER MAP
WM8718 uses a total of 4 program registers, which are 16-bits long.
These registers are all
loaded through input pin SDIN, using the 3-wire serial control mode as shown in 9.
A6
A5
A4
A3
A2
A1
A0
D8
D7
D6
D5
D4
D3
D2
D1
D0
M0
0
0
0
0
0
0
0
UPDATEL
LAT7
LAT6
LAT5
LAT4
LAT3
LAT2
LAT1
LAT0
M1
0
0
0
0
0
0
1
UPDATER
RAT7
RAT6
RAT5
RAT4
RAT3
RAT2
RAT1
RAT0
M2
0
0
0
0
0
1
0
ZCDINIT
ZEROFLR
0
1
0
1
0
1
0
1
PWDN DEEMPH
MUT
M3
0
0
0
0
0
1
1
0
1
REV
BCP
ATC
LRP
FMT[1]
FMT[0]
IWL[1]
IWL[0]
ADDRESS
DATA
Table 2 Mapping of Program Registers
Note:
1. These register bits must be written as 0 otherwise device function can not be guaranteed.
REGISTER
ADDRESS
(A3,A2,A1,A0)
BITS
NAME
DEFAULT
DESCRIPTION
[7:0]
LAT[7:0]
11111111 (0dB) Attenuation data for left channel in 0.5dB steps, see Table 5
0000
DACL
Attenuation
8
UPDATEL
0
Attenuation data load control for left channel.
0: Store DACL in intermediate latch (no change to output)
1: Store DACL and update attenuation on both channels.
[7:0]
RAT[7:0]
11111111 (0dB) Attenuation data for right channel in 0.5dB steps, see Table 5
0001
DACR
Attenuation
8
UPDATER
0
Attenuation data load control for right channel.
0: Store DACR in intermediate latch (no change to output)
1: Store DACR and update attenuation on both channels.
0
MUT
0
Left and Right DACs Soft Mute Control.
0: No mute
1: Mute
1
DEEMPH
0
De-emphasis Control.
0: De-emphasis off
1: De-emphasis on
2
PWDN
0
Left and Right DACs Power-down Control
0: All DACs running, output is active
1: All DACs in power saving mode, output muted
7
ZEROFLR
0
Zero Flag Pin Control.
0: Channel independent
1: AND of both channels on ZEROFL output pin
0010
Mode Control
8
ZCDINIT
0
Zero Cross Detect Control.
0: Zero cross detect enabled
1: Zero cross detect disabled
0011
Format
Control
[1:0]
IWL[1:0]
10
Input Word Length.
00: 16-bit mode
01: 20-bit mode
10: 24-bit mode
11: 32-bit mode(not supported in right justified mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com