Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718SEDS/R Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8718SEDS/R
Description  24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718SEDS/R Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8718SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8718SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
WM8718
Production Data
w
PD Rev 4.1 March 2004
20
DIGITAL AUDIO INTERFACE CONTROL REGISTERS
The WM8718 has a fully featured PCM digital audio interface whose interface format is selected
via the FMT [1:0] and IWL[1:0] register bits in register M3.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
Format Control
1:0
IWL[1:0]
00
Interface format Select
0010
Format Control
3:2
FMT[1:0]
00
Interface format Select
Table 11 Interface Format Controls
FMT[1]
FMT[0]
IWL[1]
IWL[0]
AUDIO INTERFACE DESCRIPTION
(NOTE 1)
0
0
0
0
16 bit right justified mode
0
0
0
1
20 bit right justified mode
0
0
1
0
24 bit right justified mode
0
0
1
1
Not available
0
1
0
0
16 bit left justified mode
0
1
0
1
20 bit left justified mode
0
1
1
0
24 bit left justified mode
0
1
1
1
32 bit left justified mode
1
0
0
0
16 bit I
2S mode
1
0
0
1
20 bit I
2S mode
1
0
1
0
24 bit I
2S mode
1
0
1
1
32 bit I
2S mode
1
1
0
0
16 bit DSP mode
1
1
0
1
20 bit DSP mode
1
1
1
0
24 bit DSP mode
1
1
1
1
32 bit DSP mode
Table 12 Audio Data Input Format
Note:
1.
In all modes, the data is signed 2's complement. The digital filters always input 24-bit data. If
the DAC is programmed to receive 16 or 20 bit data, the WM8718 pads the unused LSBs
with ZEROS. If the DAC is programmed into 32-bit mode, the 8 LSBs are treated as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com