Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLA100E1200KB Datasheet(PDF) 5 Page - IXYS Corporation

Part # CLA100E1200KB
Description  High Efficiency Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CLA100E1200KB Datasheet(HTML) 5 Page - IXYS Corporation

  CLA100E1200KB Datasheet HTML 1Page - IXYS Corporation CLA100E1200KB Datasheet HTML 2Page - IXYS Corporation CLA100E1200KB Datasheet HTML 3Page - IXYS Corporation CLA100E1200KB Datasheet HTML 4Page - IXYS Corporation CLA100E1200KB Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CLA100E1200KB
0.01
0.1
1
400
500
600
700
800
900
1000
0.5
1.0
1.5
0
50
100
150
1
10
100
1000
10000
0.00
0.04
0.08
0.12
0.16
0.20
0.24
I
TSM
[A]
I
T
[A]
V
T [V]
t [ms]
Z
thJC
[K/W]
2
3
4 5 6 7 8 9 0
1
1
1000
10000
I
2t
[A
2s]
t [ms]
I
T(AV)M
[A]
T
C [°C]
0
25
50
75 100 125 150 175
0
20
40
60
80
100
120
Fig. 1 Forward characteristics
Fig. 3 I
2t versus time (1-10 ms)
t [s]
Fig. 6 Max. forward current
at case temperature
Fig. 2 Surge overload current
Fig. 8 Transient thermal impedance
T
VJ = 25°C
T
VJ = 125°C
T
VJ = 45°C
50 Hz, 80% V
RRM
T
VJ = 125°C
T
VJ = 45°C
V
R = 0 V
125°C
150°C
0
25
50
75 100 125
0
40
80
120
160
200
I
T(AV) [A]
P
(AV)
[W]
Fig. 7a Power dissipation versus direct output current
Fig. 7b and ambient temperature
0
50
100
150
T
amb [°C]
dc =
1
0.5
0.4
0.33
0.17
0.08
10
100
1000
1
10
100
1000
1
10
100
1000
10000
0.1
1
10
I
G [mA]
V
G
[V]
4: P
GAV = 0.5 W
5: PGM = 1 W
6: PGM = 10 W
t
gd
[µs]
I
G [mA]
typ.
Limit
T
VJ = 125°C
Fig. 4 Gate trigger characteristics
Fig. 5 Gate controlled delay time
6
4
5
2
1
3
dc =
1
0.5
0.4
0.33
0.17
0.08
1: I
GD, TVJ = 150°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
R
thHA
0.4
0.6
0.8
1.0
2.0
4.0
i
R
thi (K/W)
t
i (s)
1
0.032
0.0110
2
0.018
0.0001
3
0.021
0.0200
4
0.034
0.3500
5
0.095
0.1400
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20150827b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com