Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0205MN Datasheet(PDF) 1 Page - STMicroelectronics

Part # X0205MN
Description  1.25A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0205MN Datasheet(HTML) 1 Page - STMicroelectronics

  X0205MN Datasheet HTML 1Page - STMicroelectronics X0205MN Datasheet HTML 2Page - STMicroelectronics X0205MN Datasheet HTML 3Page - STMicroelectronics X0205MN Datasheet HTML 4Page - STMicroelectronics X0205MN Datasheet HTML 5Page - STMicroelectronics X0205MN Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
®
X02 Series
SENSITIVE
1.25A SCRs
September 2000 - Ed: 3
MAIN FEATURES:
DESCRIPTION
Thanks to highly sensitive triggering levels, the
X02 SCR series is suitable for all applications
where the available gate current is limited, such as
ground
fault
circuit
interruptors,
overvoltage
crowbar
protection
in
low
power
supplies,
capacitive ignition circuits, ...
Available
in
though-hole
or
surface-mount
packages, these devices are optimized in forward
voltage drop and inrush current capabilities, for
reduced power losses and high reliability in harsh
environments.
Symbol
Value
Unit
IT(RMS)
1.25
A
VDRM/VRRM
600 and 800
V
IGT
50 to 200
µA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180° conduction angle)
TO-92
TI = 55°C
1.25
A
SOT-223
Ttab = 95°C
IT(AV)
Average on-state current
(180° conduction angle)
TO-92
TI = 55°C
0.8
A
SOT-223
Ttab = 95°C
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
25
A
tp = 10 ms
22.5
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
2.5
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
1.2
A
PG(AV)
Average gate power dissipation
Tj = 125°C
0.2
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
G
A
K
TO-92
(X02xxA)
SOT-223
(X02xxN)


Similar Part No. - X0205MN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0205MN STMICROELECTRONICS-X0205MN Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
logo
Suntac Electronic Corp.
X0205MN SUNTAC-X0205MN Datasheet
82Kb / 4P
Sensitive Gate Silicon Controlled Rectifier
logo
STMicroelectronics
X0205MN1BA2 STMICROELECTRONICS-X0205MN1BA2 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
X0205MN2BL2 STMICROELECTRONICS-X0205MN2BL2 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
X0205MN5BA4 STMICROELECTRONICS-X0205MN5BA4 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
More results

Similar Description - X0205MN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X02 STMICROELECTRONICS-X02 Datasheet
147Kb / 6P
1.25A SCRs
Sep-2000
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com