Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMXSF Datasheet(PDF) 2 Page - AVX Corporation

Part # LMXSF
Description  Magnetically Shielded Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXSF Datasheet(HTML) 2 Page - AVX Corporation

  LMXSF Datasheet HTML 1Page - AVX Corporation LMXSF Datasheet HTML 2Page - AVX Corporation LMXSF Datasheet HTML 3Page - AVX Corporation LMXSF Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
24
LMax SMD Power Inductor
LMXS Series – Shielded Style F
0606
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
4R7
4.7
M
100KHz, 1.0V
0.050
1.50
6R8
6.8
M
100KHz, 1.0V
0.080
1.30
100
10
M
100KHz, 1.0V
0.098
1.00
150
15
M
100KHz, 1.0V
0.140
0.88
220
22
M
100KHz, 1.0V
0.208
0.73
330
33
M
100KHz, 1.0V
0.310
0.59
470
47
M
100KHz, 1.0V
0.390
0.48
680
68
M
100KHz, 1.0V
0.540
0.42
101
100
M
100KHz, 1.0V
0.810
0.33
ELECTRICALCHARACTERISTICS
06C6
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
4R7
4.7
M
100KHz, 1.0V
0.050
1.60
6R8
6.8
M
100KHz, 1.0V
0.073
1.50
100
10
M
100KHz, 1.0V
0.098
1.30
150
15
M
100KHz, 1.0V
0.128
1.00
220
22
M
100KHz, 1.0V
0.172
0.77
330
33
M
100KHz, 1.0V
0.290
0.69
470
47
M
100KHz, 1.0V
0.420
0.59
680
68
M
100KHz, 1.0V
0.533
0.50
101
100
M
100KHz, 1.0V
0.730
0.42
0707
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
3R3
3.3
M
100KHz, 1.0V
0.045
1.60
4R7
4.7
M
100KHz, 1.0V
0.054
1.50
6R8
6.8
M
100KHz, 1.0V
0.071
1.30
100
10
M
100KHz, 1.0V
0.100
1.10
150
15
M
100KHz, 1.0V
0.156
0.88
220
22
M
100KHz, 1.0V
0.220
0.75
330
33
M
100KHz, 1.0V
0.290
0.65
470
47
M
100KHz, 1.0V
0.410
0.54
07C7
Codes
L(μH)
Tolerance
TestCondition
DCR(Ω)max.
IDC(A)max.
3R3
3.3
M
100KHz, 1.0V
0.028
1.90
4R7
4.7
M
100KHz, 1.0V
0.044
1.70
6R8
6.8
M
100KHz, 1.0V
0.050
1.60
100
10
M
100KHz, 1.0V
0.064
1.40
150
15
M
100KHz, 1.0V
0.090
1.10
220
22
M
100KHz, 1.0V
0.132
0.96
330
33
M
100KHz, 1.0V
0.192
0.75
470
47
M
100KHz, 1.0V
0.290
0.67
680
68
M
100KHz, 1.0V
0.372
0.59
101
100
M
100KHz, 1.0V
0.540
0.45
151
150
M
100KHz, 1.0V
0.780
0.37
221
220
M
100KHz, 1.0V
1.260
0.29
331
330
M
100KHz, 1.0V
2.000
0.22
471
470
M
100KHz, 1.0V
2.460
0.20
681
680
M
100KHz, 1.0V
3.780
0.16
102
1000
M
100KHz, 1.0V
5.740
0.13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com