Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 61Page - NXP Semiconductors LPC804 Datasheet HTML 62Page - NXP Semiconductors LPC804 Datasheet HTML 63Page - NXP Semiconductors LPC804 Datasheet HTML 64Page - NXP Semiconductors LPC804 Datasheet HTML 65Page - NXP Semiconductors LPC804 Datasheet HTML 66Page - NXP Semiconductors LPC804 Datasheet HTML 67Page - NXP Semiconductors LPC804 Datasheet HTML 68Page - NXP Semiconductors LPC804 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.3 — 23 March 2018
65 of 81
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
[1]
Characterized though limited samples. Not tested in production.
[2]
All peripherals except comparator, temperature sensor, and FRO turned off.
14.4 DAC
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C) and
VDD = VDDA = 3.6 V.
[2]
Characterized through bench measurements, not tested in production.
[3]
DAC output voltage depends on the voltage divider ratio of the ROUT and external load resistance.
Table 29.
Comparator voltage ladder reference static characteristics
VDD = 1.8 V to 3.6 V. Tamb = -40 C to + 105C; external or internal reference.
Symbol
Parameter
Conditions
Min
Typ[1] Max
Unit
EV(O)
output voltage error
decimal code = 00
[2] -
6-
mV
decimal code = 08
-
1-
%
decimal code = 16
-
1-
%
decimal code = 24
-
1-
%
decimal code = 30
-
1-
%
decimal code = 31
-
1-
%
Table 30.
10-bit DAC electrical characteristics
VDD = VDDA = 2.7 V to 3.6 V; Tamb = 40 C to +105 C unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
ED
differential linearity error
[1][2] -0.4
-
LSB
EL(adj)
integral non-linearity
[1][2] -6.0
-
LSB
EO
offset error
[1][2] -
57.0
-
mV
EG
gain error
[1][2] -
36.0
-
mV
CL
load capacitance
-
200
-
pF
ROUT
PIO0_17/DACOUT_0 pin resistance
[3] -
90
200
ROUT
PIO0_29/DACOUT_1 pin resistance
[3] -2
5
k
VOUT
Output voltage range
0.175 -
VDDA-0.175
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com