Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR1-SAMF0AC5 Datasheet(PDF) 2 Page - SICK AG

Part # STR1-SAMF0AC5
Description  NON-CONTACT SAFETY SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

STR1-SAMF0AC5 Datasheet(HTML) 2 Page - SICK AG

  STR1-SAMF0AC5 Datasheet HTML 1Page - SICK AG STR1-SAMF0AC5 Datasheet HTML 2Page - SICK AG STR1-SAMF0AC5 Datasheet HTML 3Page - SICK AG STR1-SAMF0AC5 Datasheet HTML 4Page - SICK AG STR1-SAMF0AC5 Datasheet HTML 5Page - SICK AG STR1-SAMF0AC5 Datasheet HTML 6Page - SICK AG STR1-SAMF0AC5 Datasheet HTML 7Page - SICK AG STR1-SAMF0AC5 Datasheet HTML 8Page - SICK AG STR1-SAMF0AC5 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
STR1-SAMF0AC5 | STR1
NON-CONTACT SAFETY SWITCHES
Ordering information
Type
Part no.
STR1-SAMF0AC5
1073216
Other models and accessories
www.sick.com/STR1
Detailed technical data
Features
System part
Sensor and actuator
Sensor principle
Transponder
Number of safe outputs
2
Auxiliary contact (AUX)
1
Safe switch on distance Sao
Active front sensor surface 14 mm
Active side sensor surface 9 mm
Safe switch off distance Sar
28 mm
Active sensor surfaces
3
Actuation directions
5
Coding
Permanently coded
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508), SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
5,21 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Type
Type 4 (EN ISO 14119)
Actuator coding level
High coding level (EN ISO 14119)
Safe state in the event of a fault
At least one safety-related semiconductor output (OSSD) is in the OFF state.
Interfaces
Connection type
Cable with plug M12, 5-pin
Flexi-Loop-ready
✔
Length of cable 0.2 m
Cable material PVC
Diagnostics indicator
✔
2
SAFETY SWITCHES | SICK
Online data sheet | 2018-08-31 13:13:28
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com