Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2967L-AD-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR2967L-AD-SH2-R
Description  2A, LOW DROPOUT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR2967L-AD-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR2967L-AD-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR2967L-AD-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR2967L-AD-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR2967L-AD-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR2967
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R102-102.a
2A, LOW DROPOUT
REGULATOR
DESCRIPTION
The UTC LR2967-XX is CMOS-based positive voltage and a
very low dropout regulator IC that minimum input voltage is 2.5V
and is capable of delivering the continuous output load current up
to 2.0A.
It has features of low dropout (typically 400mV at 2A), a very
low quiescent current (typically 300uA at 0.1A).
The output voltage can be set from 0.5V to (VIN - VDRP) with an
external resistor divider and it has ±2% accuracy through all
temperature ranges include the line as well as load variations. It is
allowed to use a small 4.7μF MLCC input and output capacitor to
deliver the current with the stable operation.
Built-in Soft-Start function reduces the inrush current and the
other features are include over current protection (OCP),
short-circuit protection (SCP), and thermal shut down protection
(TSD).
FEATURES
* Input Voltage Range: 2.5V~6.0V
* Supply Current .: Typ. 300uA
* Current limit : Min. 3A
* Adjustable Output from 0.5V
* LR2967-XX: Typ 0.4V Dropout @ IOUT=2.0A
* Compatible with MLCC Capacitors
* Built-in Soft-Start Limits Inrush Current
* Built-in Thermal Shutdown Protection
* Built-in Over Current & Short Circuit Protection
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR2967L-xx-SH2-R
LR2967G-xx-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR2967L-AD-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR2965 UTC-LR2965 Datasheet
176Kb / 5P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
LR2965G-25-SH2-R UTC-LR2965G-25-SH2-R Datasheet
176Kb / 5P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
LR2965G-AD-SH2-R UTC-LR2965G-AD-SH2-R Datasheet
176Kb / 5P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
LR2965G-XX-SH2-R UTC-LR2965G-XX-SH2-R Datasheet
174Kb / 5P
Compatible with MLCC Capacitors
LR2965L-25-SH2-R UTC-LR2965L-25-SH2-R Datasheet
176Kb / 5P
1.5A, LOW DROPOUT REGULATOR WITH POWER GOOD
More results

Similar Description - LR2967L-AD-SH2-R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1120 IRF-IRU1120 Datasheet
61Kb / 9P
2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
2A Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G954 GMT-G954 Datasheet
316Kb / 7P
2A Low Dropout Regulator
G954 GMT-G954_07 Datasheet
360Kb / 8P
2A Low Dropout Regulator
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Global Mixed-mode Techn...
G954 GMT-G954_15 Datasheet
41Kb / 1P
2A Low Dropout Regulator
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR3865 UTC-LR3865 Datasheet
195Kb / 6P
2A LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com