Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9211L-AD-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9211L-AD-AF5-R
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9211L-AD-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9211L-AD-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9211L-AD-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9211L-AD-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9211L-AD-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9211L-AD-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9211L-AD-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9211
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R102-103.a
600mA LOW DROPOUT
LINEAR REGULATOR
DESCRIPTION
The UTC LR9211 is a high speed LDO regulator that features
high accurate, low noise, high ripple rejection, low dropout and low
power consumption. Designed with a P-channel MOSFET series
pass transistor, the UTC LR9211 yields extremely low dropout
voltage and maintains very low ground current (70μA).
The UTC LR9211 does not require a bypass capacitor, hence
achieving the smallest PCB area.
Other features include foldback overcurrent protection, quick
soft start, and overtemperature protection. The UTC LR9211 is
available in fixed output voltage from 0.8V to 3.3V with 0.1V per
step or as an adjustable device with a 0.8V reference voltage The
device comes in various packages.
FEATURES
* Wide Input Voltage Range from 2.5V to 5.5V
* Ultra Low Dropout Voltage: 300mV @ VOUT =3.3V, 300mA
* Ultra Fast Response in Line/Load Transient
* Stable with 1uF Ceramic Output Capacitor
* Low Ground Current: 70μA Typical
* Low Shutdown Current: <1μA
* Foldback Output Current Limit
* High Output Accuracy
1.5% Initial Accuracy
Fixed Output Voltages: 0.8V~3.3V
Adjustable Output Voltage from 0.8V to 4.5V
* Over-Temperature Protection
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR9211L-xx-AF5-R
LR9211G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR9211L-AD-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR9200G-12-AB3-C-R UTC-LR9200G-12-AB3-C-R Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR9200G-12-AF5-R UTC-LR9200G-12-AF5-R Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR9200G-15-AB3-C-R UTC-LR9200G-15-AB3-C-R Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
LR9200G-15-AF5-R UTC-LR9200G-15-AF5-R Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
More results

Similar Description - LR9211L-AD-AF5-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com